Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 182Page - Renesas Technology Corp SH-2 Datasheet HTML 183Page - Renesas Technology Corp SH-2 Datasheet HTML 184Page - Renesas Technology Corp SH-2 Datasheet HTML 185Page - Renesas Technology Corp SH-2 Datasheet HTML 186Page - Renesas Technology Corp SH-2 Datasheet HTML 187Page - Renesas Technology Corp SH-2 Datasheet HTML 188Page - Renesas Technology Corp SH-2 Datasheet HTML 189Page - Renesas Technology Corp SH-2 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 919 page
background image
160
SAR3
DAR3
Data
buffer
Memory
Transfer source
module
Transfer destination
module
Temporary
buffer
The SAR3 value is taken as the address, memory data is read, and the value is stored in the
temporary buffer. Since the value read at this time is used as the address, it must be 32 bits.
If the data bus is 16 bits wide when the external memory space is accessed, two bus cycles
are necessary.
1st and 2nd bus
cycles
3rd bus cycle
4th bus cycle
DMAC
SAR3
DAR3
Data
buffer
Memory
Transfer source
module
Transfer destination
module
Temporary
buffer
The value in the temporary buffer is taken as the address, and data is read from the
transfer source module to the data buffer.
SAR3
DAR3
Data
buffer
Memory
Transfer source
module
Transfer destination
module
Temporary
buffer
The DAR3 value is taken as the address, and the value in the data buffer is written to the
transfer destination module.
Note:
Memory, transfer source, and transfer destination modules are shown here.
In practice, connection can be made as long as it is within the address space.
DMAC
DMAC
Figure 9.5 Dual Address Mode and Indirect Address Operation (16-Bit-Width External
Memory Space)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com