Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 183Page - Renesas Technology Corp SH-2 Datasheet HTML 184Page - Renesas Technology Corp SH-2 Datasheet HTML 185Page - Renesas Technology Corp SH-2 Datasheet HTML 186Page - Renesas Technology Corp SH-2 Datasheet HTML 187Page - Renesas Technology Corp SH-2 Datasheet HTML 188Page - Renesas Technology Corp SH-2 Datasheet HTML 189Page - Renesas Technology Corp SH-2 Datasheet HTML 190Page - Renesas Technology Corp SH-2 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 919 page
background image
161
CK
A21 to A0
D15 to D0
CSn
WRH, WRL
RD
Data read cycle
Data write cycle
(1st)
(2nd)
Internal
address bus
Internal
data bus
DMAC indirect
address buffer
DMAC data
buffer
Transfer source
address (H)
Transfer source
address (L)
NOP
Indirect address
Transfer destina-
tion address
Transfer
data
NOP
Transfer data
Indirect address
Transfer data
(4th)
(3rd)
NOP
cycle
*2
Indirect
address (H)
Indirect
address (L)
Transfer
data
Transfer source
address*1
Indirect
address
Transfer data
Indirect address
Address read cycle
Notes: 1. The internal address bus is controlled by the port and does not change.
2. The DMAC does not latch the value until 32-bit data is read from the internal data bus.
External memory space
→ External memory space
(External memory space has 16-bit width)
Figure 9.6 Dual Address Mode and Indirect Address Transfer Timing Example 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com