Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 248Page - Renesas Technology Corp SH-2 Datasheet HTML 249Page - Renesas Technology Corp SH-2 Datasheet HTML 250Page - Renesas Technology Corp SH-2 Datasheet HTML 251Page - Renesas Technology Corp SH-2 Datasheet HTML 252Page - Renesas Technology Corp SH-2 Datasheet HTML 253Page - Renesas Technology Corp SH-2 Datasheet HTML 254Page - Renesas Technology Corp SH-2 Datasheet HTML 255Page - Renesas Technology Corp SH-2 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 919 page
background image
226
• Bits 2 to 0—I/O Control 2A2 to 2A0, 2C2 to 2C0, 2E2 to 2E0, 2G2 to 2G0 (IO2A2 to IO2A0,
IO2C2 to IO2C0, IO2E2 to IO2E0, IO2G2 to IO2G0): These bits select the general register
(GR) function.
Bit 2:
IO2x2
Bit 1:
IO2x1
Bit 0:
IO2x0
Description
0
0
0
GR is an output
compare register
Compare-match disabled; pin output
undefined
(Initial value)
1
0 output on GR compare-match
1
0
1 output on GR compare-match
1
Toggle output on GR compare-match
1
0
0
GR is an input
capture register
Input capture disabled
1
Input capture in GR on rising edge at
TIO2x pin (GR cannot be written to)
1
0
Input capture in GR on falling edge at
TIO2x pin (GR cannot be written to)
1
Input capture in GR on both rising and
falling edges at TIO2x pin (GR cannot be
written to)
x = A, C, E, or G
Timer I/O Control Registers 3A, 3B, 4A, 4B, 5A, 5B
(TIOR3A, TIOR3B, TIOR4A, TIOR4B, TIOR5A, TIOR5B)
TIOR3A, TIOR4A, TIOR5A
Bit:
7
6
5
4
3
2
1
0
CCIxB
IOxB2
IOxB1
IOxB0
CCIxA
IOxA2
IOxA1
IOxA0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
x = 3 to 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com