Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 249Page - Renesas Technology Corp SH-2 Datasheet HTML 250Page - Renesas Technology Corp SH-2 Datasheet HTML 251Page - Renesas Technology Corp SH-2 Datasheet HTML 252Page - Renesas Technology Corp SH-2 Datasheet HTML 253Page - Renesas Technology Corp SH-2 Datasheet HTML 254Page - Renesas Technology Corp SH-2 Datasheet HTML 255Page - Renesas Technology Corp SH-2 Datasheet HTML 256Page - Renesas Technology Corp SH-2 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 919 page
background image
227
TIOR3B, TIOR4B, TIOR5B
Bit:
7
6
5
4
3
2
1
0
CCIxD
IOxD2
IOxD1
IOxD0
CCIxC
IOxC2
IOxC1
IOxC0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
x = 3 to 5
TIOR3A, TIOR3B, TIOR4A, TIOR4B, TIOR5A, and TIOR5B specify whether general registers
GR3A to GR3D, GR4A to GR4D, and GR5A to GR5D are used as input capture or compare-
match registers, and also perform edge detection and output value setting. They also select
enabling or disabling of free-running counter (TCNT3 to TCNT5) clearing.
Each TIOR is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
• Bit 7—Clear Counter Enable Flag 3B, 4B, 5B, 3D, 4D, 5D (CCI3B, CCI4B, CCI5B, CCI3D,
CCI4D, CCI5D): These bits select enabling or disabling of free-running counter (TCNT)
clearing.
Bit 7: CCIxx
Description
0
TCNT clearing disabled
(Initial value)
1
TCNT cleared on GR compare-match
xx = 3B, 4B, 5B, 3D, 4D, or 5D
TCNT is cleared on compare-match only when GR is functioning as an output compare
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com