Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 253Page - Renesas Technology Corp SH-2 Datasheet HTML 254Page - Renesas Technology Corp SH-2 Datasheet HTML 255Page - Renesas Technology Corp SH-2 Datasheet HTML 256Page - Renesas Technology Corp SH-2 Datasheet HTML 257Page - Renesas Technology Corp SH-2 Datasheet HTML 258Page - Renesas Technology Corp SH-2 Datasheet HTML 259Page - Renesas Technology Corp SH-2 Datasheet HTML 260Page - Renesas Technology Corp SH-2 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 919 page
background image
231
10.2.5
Timer Status Registers (TSR)
The timer status registers (TSR) are 16-bit registers. The ATU-II has 11 TSR registers: one each
for channels 0, 6 to 9, and 11, two each for channels 1 and 2, and one for channels 3 to 5. For
details of channel 10, see section 10.2.26, Channel 10 Registers.
Channel
Abbreviation
Function
0
TSR0
Indicates input capture, interval interrupt, and overflow status
1
TSR1A, TSR1B
Indicate input capture, compare-match, and overflow status
2
TSR2A, TSR2B
3
TSR3
Indicates input capture, compare-match, and overflow status
4
5
6
TSR6
Indicate cycle register compare-match status
7
TSR7
8
TSR8
Indicates down-counter output end (low) status
9
TSR9
Indicates event counter compare-match status
11
TSR11
Indicates compare-match and overflow status
The TSR registers are 16-bit readable/writable registers containing flags that indicate free-running
counter (TCNT) overflow, channel 0 input capture or interval interrupt generation, channel 3, 4, 5,
and 11 general register input capture or compare-match, channel 6 and 7 compare-matches,
channel 8 down-counter output end, and channel 9 event counter compare-matches.
Each flag is an interrupt source, and issues an interrupt request to the CPU if the interrupt is
enabled by the corresponding bit in the timer interrupt enable register (TIER).
Each TSR is initialized to H'0000 by a power-on reset, and in hardware standby mode and
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com