Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 255Page - Renesas Technology Corp SH-2 Datasheet HTML 256Page - Renesas Technology Corp SH-2 Datasheet HTML 257Page - Renesas Technology Corp SH-2 Datasheet HTML 258Page - Renesas Technology Corp SH-2 Datasheet HTML 259Page - Renesas Technology Corp SH-2 Datasheet HTML 260Page - Renesas Technology Corp SH-2 Datasheet HTML 261Page - Renesas Technology Corp SH-2 Datasheet HTML 262Page - Renesas Technology Corp SH-2 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 919 page
background image
233
• Bit 5—Interval Interrupt Flag 1 (IIF1): Status flag that indicates the generation of an interval
interrupt.
Bit 5: IIF1
Description
0
[Clearing condition]
(Initial value)
When IIF1 is read while set to 1, then 0 is written to IIF1
1
[Setting condition]
When interval interrupt selected by ITVRR1 is generated
• Bit 4—Overflow Flag 0 (OVF0): Status flag that indicates TCNT0 overflow.
Bit 4: OVF0
Description
0
[Clearing condition]
(Initial value)
When OVF0 is read while set to 1, then 0 is written to OVF0
1
[Setting condition]
When the TCNT0 value overflows (from H'FFFFFFFF to H'00000000)
• Bit 3—Input Capture Flag 0D (ICF0D): Status flag that indicates ICR0D input capture.
Bit 3: ICF0D
Description
0
[Clearing condition]
(Initial value)
When ICF0D is read while set to 1, then 0 is written to ICF0D
1
[Setting condition]
When the TCNT0 value is transferred to the input capture register by an input
capture signal. Also set by input capture with a channel 10 compare match as
the trigger
• Bit 2—Input Capture Flag 0C (ICF0C): Status flag that indicates ICR0C input capture.
Bit 2: ICF0C
Description
0
[Clearing condition]
(Initial value)
When ICF0C is read while set to 1, then 0 is written to ICF0C
1
[Setting condition]
When the TCNT0 value is transferred to the input capture register by an input
capture signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com