Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 257Page - Renesas Technology Corp SH-2 Datasheet HTML 258Page - Renesas Technology Corp SH-2 Datasheet HTML 259Page - Renesas Technology Corp SH-2 Datasheet HTML 260Page - Renesas Technology Corp SH-2 Datasheet HTML 261Page - Renesas Technology Corp SH-2 Datasheet HTML 262Page - Renesas Technology Corp SH-2 Datasheet HTML 263Page - Renesas Technology Corp SH-2 Datasheet HTML 264Page - Renesas Technology Corp SH-2 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 919 page
background image
235
• Bit 8—Overflow Flag 1A (OVF1A): Status flag that indicates TCNT1A overflow.
Bit 8: OVF1A
Description
0
[Clearing condition]
(Initial value)
When OVF1A is read while set to 1, then 0 is written to OVF1A
1
[Setting condition]
When the TCNT1A value overflows (from H'FFFF to H'0000)
• Bit 7—Input Capture/Compare-Match Flag 1H (IMF1H): Status flag that indicates GR1H
input capture or compare-match.
Bit 7: IMF1H
Description
0
[Clearing condition]
(Initial value)
When IMF1H is read while set to 1, then 0 is written to IMF1H
1
[Setting conditions]
• When the TCNT1A value is transferred to GR1H by an input capture
signal while GR1H is functioning as an input capture register
•••• When TCNT1A = GR1H while GR1H is functioning as an output compare
register
• Bit 6—Input Capture/Compare-Match Flag 1G (IMF1G): Status flag that indicates GR1G
input capture or compare-match.
Bit 6: IMF1G
Description
0
[Clearing condition]
(Initial value)
When IMF1G is read while set to 1, then 0 is written to IMF1G
1
[Setting conditions]
•••• When the TCNT1A value is transferred to GR1G by an input capture
signal while GR1G is functioning as an input capture register
•••• When TCNT1A = GR1G while GR1G is functioning as an output compare
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com