Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 250Page - Renesas Technology Corp SH-2 Datasheet HTML 251Page - Renesas Technology Corp SH-2 Datasheet HTML 252Page - Renesas Technology Corp SH-2 Datasheet HTML 253Page - Renesas Technology Corp SH-2 Datasheet HTML 254Page - Renesas Technology Corp SH-2 Datasheet HTML 255Page - Renesas Technology Corp SH-2 Datasheet HTML 256Page - Renesas Technology Corp SH-2 Datasheet HTML 257Page - Renesas Technology Corp SH-2 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 919 page
background image
228
• Bits 6 to 4—I/O Control 3B2 to 3B0, 4B2 to 4B0, 5B2 to 5B0, 3D2 to 3D0, 4D2 to 4D0, 5D2
to 5D0 (IO3B2 to IO3B0, IO4B2 to IO4B0, IO5B2 to IO5B0, IO3D2 to IO3D0, IO4D2 to
IO4D0, IO5D2 to IO5D0): These bits select the general register (GR) function.
Bit 6:
IOxx2
Bit 5:
IOxx1
Bit 4:
IOxx0
Description
0
0
0
GR is an output
compare register
Compare-match disabled; pin output
undefined
(Initial value)
1
0 output on GR compare-match
1
0
1 output on GR compare-match
1
Toggle output on GR compare-match
1
0
0
GR is an input
capture register
Input capture disabled (input capture by
channel 3 and 9 compare-match
enabled) (In channel 3 only, GR cannot
be written to)
1
Input capture in GR on rising edge at
TIOxx pin (GR cannot be written to)
1
0
Input capture in GR on falling edge at
TIOxx pin (GR cannot be written to)
1
Input capture in GR on both rising and
falling edges at TIOxx pin (GR cannot be
written to)
xx = 3B, 4B, 5B, 3D, 4D, or 5D
• Bit 3—Clear Counter Enable Flag 3A, 4A, 5A, 3C, 4C, 5C (CCI3A, CCI4A, CCI5A, CCI3C,
CCI4C, CCI5C): These bits select enabling or disabling of free-running counter (TCNT)
clearing.
Bit 3: CCIxx
Description
0
TCNT clearing disabled
(Initial value)
1
TCNT cleared on GR compare-match
xx = 3A, 4A, 5A, 3C, 4C, or 5C
TCNT is cleared on compare-match only when GR is functioning as an output compare
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com