Electronic Components Datasheet Search
  English  ▼

X  

3820 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 3820
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3820 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 3820 Datasheet HTML 42Page - Renesas Technology Corp 3820 Datasheet HTML 43Page - Renesas Technology Corp 3820 Datasheet HTML 44Page - Renesas Technology Corp 3820 Datasheet HTML 45Page - Renesas Technology Corp 3820 Datasheet HTML 46Page - Renesas Technology Corp 3820 Datasheet HTML 47Page - Renesas Technology Corp 3820 Datasheet HTML 48Page - Renesas Technology Corp 3820 Datasheet HTML 49Page - Renesas Technology Corp 3820 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 349 page
background image
1-29
3820 GROUP USER’S MANUAL
MITSUBISHI MICROCOMPUTERS
3820 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7
7
Transmit buffer empty flag (TBE)
0: Buffer full
1: Buffer empty
Receive buffer full flag (RBF)
0: Buffer empty
1: Buffer full
Transmit shift register shift completion flag (TSC)
0: Transmit shift in progress
1: Transmit shift completed
Overrun error flag (OE)
0: No error
1: Overrun error
Parity error flag (PE)
0: No error
1: Parity error
Framing error flag (FE)
0: No error
1: Framing error
Summing error flag (SE)
0: OE U PE U FE =0
1: OE U PE U FE =1
Not used (returns “1” when read)
Serial I/O1 status register
(SIO1STS : address 0019 16)
Serial I/O1 control register
(SIO1CON : address 001A 16)
0
0
BRG count source selection bit (CSS)
0: f(XIN)
1: f(XIN)/4
Serial I/O1 synchronization clock selection bit (SCS)
•In clock synchronous mode
0 : BRG output/4
1 : External clock input
•In UART mode
0 : BRG output/16
1 : External clock input/16
SRDY1 output enable bit (SRDY)
0: P47 SRDY1 pin operates as I/O port P47
1: P47 SRDY1 pin operates as signal output pin SRDY1
(SRDY1 signal indicates receive enable state)
Transmit interrupt source selection bit (TIC)
0: When transmit buffer has emptied
1: When transmit shift operation is completed
Transmit enable bit (TE)
0: Transmit disabled
1: Transmit enabled
Receive enable bit (RE)
0: Receive disabled
1: Receive enabled
Serial I/O1 mode selection bit (SIOM)
0: Clock asynchronous serial I/O1 (UART) mode
1: Clock synchronous serial I/O1 mode
Serial I/O1 enable bit (SIOE)
0: Serial I/O1 disabled
(pins P44–P47 operate as I/O pins)
1: Serial I/O1 enabled
(pins P44–P47 operate as serial I/O1 pins)
7
UART control register
(UARTCON : address 001B 16)
Character length selection bit (CHAS)
0: 8 bits
1: 7 bits
Parity enable bit (PARE)
0: Parity checking disabled
1: Parity checking enabled
Parity selection bit (PARS)
0: Even parity
1: Odd parity
Stop bit length selection bit (STPS)
0: 1 stop bit
1: 2 stop bits
P45/TXD P-channel output disable bit (POFF)
0: CMOS output (in output mode)
1: N-channel open-drain output (in output mode)
Not used (return“1” when read)
0
Fig. 26 Structure of serial I/O1 control registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com