Electronic Components Datasheet Search
  English  ▼

X  

3820 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 3820
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3820 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 3820 Datasheet HTML 55Page - Renesas Technology Corp 3820 Datasheet HTML 56Page - Renesas Technology Corp 3820 Datasheet HTML 57Page - Renesas Technology Corp 3820 Datasheet HTML 58Page - Renesas Technology Corp 3820 Datasheet HTML 59Page - Renesas Technology Corp 3820 Datasheet HTML 60Page - Renesas Technology Corp 3820 Datasheet HTML 61Page - Renesas Technology Corp 3820 Datasheet HTML 62Page - Renesas Technology Corp 3820 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 349 page
background image
3820 GROUP USER’S MANUAL
1-42
MITSUBISHI MICROCOMPUTERS
3820 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
CLOCK GENERATING CIRCUIT
The 3820 group has two built-in oscillation circuits. An oscillation
circuit can be formed by connecting a resonator between XIN and
XOUT (XCIN and XCOUT). Use the circuit constants in accordance
with the resonator manufacturer's recommended values. No exter-
nal resistor is needed between XIN and XOUT since a feed-back re-
sistor exists on-chip. However, an external feed-back resistor is
needed between XCIN and XCOUT.
To supply a clock signal externally, input it to the XIN pin and make
the XOUT pin open. The sub-clock XCIN-XCOUT oscillation circuit
cannot directly input clocks that are externally generated. Accord-
ingly, be sure to cause an external resonator to oscillate.
Immediately after poweron, only the XIN oscillation circuit starts
oscillating, and XCIN and XCOUT pins function as I/O ports. The
pull-up resistor of XCIN and XCOUT pins must be made invalid to
use the sub-clock.
Frequency Control
Middle-speed mode
The internal clock
φ is the frequency of XIN divided by 8.
After reset, this mode is selected.
High-speed mode
The internal clock
φ is half the frequency of XIN.
Low-speed mode
•The internal clock φ is half the frequency of XCIN.
•A low-power consumption operation can be realized by stopping
the main clock XIN in this mode. To stop the main clock, set bit 5
of the CPU mode register to “1”.
When the main clock XIN is restarted, set enough time for oscil-
lation to stabilize by programming.
Note: If you switch the mode between middle/high-speed and low-
speed, stabilize both XIN and XCIN oscillations. The suffi-
cient time is required for the sub-clock to stabilize, espe-
cially immediately after poweron and at returning from stop
mode. When switching the mode between middle/high-
speed and low-speed, set the frequency on condition that
f(XIN)>3f(XCIN).
Fig. 42 Ceramic resonator circuit
Fig. 43 External clock input circuit
XCIN
XCOUT
XIN
XOUT
CIN
COUT
CCIN
CCOUT
Rf
Rd
XIN
XOUT
External oscillation
circuit
Open
VCC
VSS
CCIN
CCOUT
Rf
Rd
XCIN
XCOUT
Oscillation Control
Stop mode
If the STP instruction is executed, the internal clock
φ stops at an
“H” level, and XIN and XCIN oscillators stop. Timer 1 is set to “FF16”
and timer 2 is set to “0116”.
Either XIN or XCIN divided by 16 is input to timer 1 as count
source, and the output of timer 1 is connected to timer 2.
The bits of the timer 123 mode register except bit 4 are cleared to
“0”. Set the timer 1 and timer 2 interrupt enable bits to disabled
(“0”) before executing the STP instruction.
Oscillator restarts at reset or when an external interrupt is re-
ceived, but the internal clock
φ is not supplied to the CPU until
timer 2 underflows. This allows time for the clock circuit oscillation
to stabilize.
Wait mode
If the WIT instruction is executed, the internal clock
φ stops at an
“H” level. The states of XIN and XCIN are the same as the state be-
fore the executing the WIT instruction. The internal clock restarts
at reset or when an interrupt is received. Since the oscillator does
not stop, normal operation can be started immediately after the
clock is restarted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com