Electronic Components Datasheet Search
  English  ▼

X  

3820 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 3820
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3820 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 3820 Datasheet HTML 79Page - Renesas Technology Corp 3820 Datasheet HTML 80Page - Renesas Technology Corp 3820 Datasheet HTML 81Page - Renesas Technology Corp 3820 Datasheet HTML 82Page - Renesas Technology Corp 3820 Datasheet HTML 83Page - Renesas Technology Corp 3820 Datasheet HTML 84Page - Renesas Technology Corp 3820 Datasheet HTML 85Page - Renesas Technology Corp 3820 Datasheet HTML 86Page - Renesas Technology Corp 3820 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 349 page
background image
3820 GROUP USER’S MANUAL
1-66
MITSUBISHI MICROCOMPUTERS
3820 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
STANDARD CHARACTERISTICS
Power Source Current Characteristic Examples
(ICC–VCC characteristics).
Figure 49, Figure 50, and Figure 51 show ICC–VCC characteristic
examples.
Fig. 49 ICC–VCC characteristic example (f(XIN) = 8 MHz)
Fig. 50 ICC–VCC characteristic example (f(XIN) = 4 MHz)
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0
1
2
3
4
5
6
7
8
9
10
Measuring condition : 25
°C, f(XIN) = 8MHz
Power source voltage V CC [V]
High-speed mode
Middle-speed mode
High-speed mode in wait mode
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0
1
2
3
4
5
Measuring condition : 25
°C, f(X IN) = 4MHz
Power source voltage V CC [V]
Middle-speed mode in wait mode
High-speed mode in wait mode
Middle-speed mode
High-speed mode
Middle-speed mode in wait mode
and
and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com