Electronic Components Datasheet Search
  English  ▼

X  

3820 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 3820
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3820 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 3820 Datasheet HTML 29Page - Renesas Technology Corp 3820 Datasheet HTML 30Page - Renesas Technology Corp 3820 Datasheet HTML 31Page - Renesas Technology Corp 3820 Datasheet HTML 32Page - Renesas Technology Corp 3820 Datasheet HTML 33Page - Renesas Technology Corp 3820 Datasheet HTML 34Page - Renesas Technology Corp 3820 Datasheet HTML 35Page - Renesas Technology Corp 3820 Datasheet HTML 36Page - Renesas Technology Corp 3820 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 349 page
background image
3820 GROUP USER’S MANUAL
1-16
MITSUBISHI MICROCOMPUTERS
3820 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Fig. 12 Port block diagram (1)
(3)Ports P30–P37
VL2/VL3
VL1/VSS
(1)Ports P0,P1
Segment output enable bit
VL2/VL3
VL1/VSS
(Note)
(5)Port P41
Data bus
Pull-down
control
Segment output enable bit
Data bus
Direction register
Port latch
Pull-down control
Segment output enable bit
Note. Bit 0 of port P0 direction register and
port P1 direction register.
output control bit
Direction register
Pull-up control
Data bus
Port latch
Direction register
Pull-up control
Data bus
Port latch
Direction register
Pull-up control
Data bus
Port latch
(7)Port P45
Serial I/O1 output
Serial I/O1 enable bit
Transmission enable bit
VL2/VL3
P45/TXD P-channel output disable bit
(6)Port P44
(4)Port P40
(2)Ports P2,P42,P43,P57
Direction register
Direction register
Data bus
Port latch
Pull-up control
Key input (Key-on wake up) interrupt input
INT0–INT2 interrupt input
Pull-up control
Reception enable bit
Serial I/O1 enable bit
Serial I/O1 input
Data bus
Port latch
Data bus
(8)Port P46
Serial I/O1 clock input
Direction register
Pull-up control
Data bus
Port latch
Serial I/O1 clock output
Serial I/O1 mode selection bit
Serial I/O1 enable bit
Serial I/O1 synchronization clock
selection bit
Serial I/O1 enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com