Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 430 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 426Page - Renesas Technology Corp SH7243 Datasheet HTML 427Page - Renesas Technology Corp SH7243 Datasheet HTML 428Page - Renesas Technology Corp SH7243 Datasheet HTML 429Page - Renesas Technology Corp SH7243 Datasheet HTML 430Page - Renesas Technology Corp SH7243 Datasheet HTML 431Page - Renesas Technology Corp SH7243 Datasheet HTML 432Page - Renesas Technology Corp SH7243 Datasheet HTML 433Page - Renesas Technology Corp SH7243 Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 1726 page
background image
Section 10 Direct Memory Access Controller (DMAC)
Rev. 1.00 Jun. 26, 2008 Page 400 of 1692
REJ09B0393-0100
10.3.5
DMA Reload Source Address Registers (RSAR)
The DMA reload source address registers (RSAR) are 32-bit readable/writable registers.
When the reload function is enabled, the RSAR value is written to the source address register
(SAR) at the end of the current DMA transfer. In this case, a new value for the next DMA transfer
can be preset in RSAR during the current DMA transfer. When the reload function is disabled,
RSAR is ignored.
To transfer data of 16-bit or 32-bit width, specify the address with 16-bit or 32-bit address
boundary respectively. To transfer data in units of 16 bytes, set a value at a 16-byte boundary.
RSAR is initialized to H'00000000 by a reset and retains the value in software standby mode and
module standby mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
----------------
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com