Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 90Page - Renesas Technology Corp SH7243 Datasheet HTML 91Page - Renesas Technology Corp SH7243 Datasheet HTML 92Page - Renesas Technology Corp SH7243 Datasheet HTML 93Page - Renesas Technology Corp SH7243 Datasheet HTML 94Page - Renesas Technology Corp SH7243 Datasheet HTML 95Page - Renesas Technology Corp SH7243 Datasheet HTML 96Page - Renesas Technology Corp SH7243 Datasheet HTML 97Page - Renesas Technology Corp SH7243 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 1726 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Jun. 26, 2008 Page 64 of 1692
REJ09B0393-0100
3.2
Input/Output Pins
Table 3.2 describes the configuration of operating mode related pin.
Table 3.2
Pin Configuration
Pin Name
Input/Output
Function
MD0
Input
Designates operating mode through the level applied to this pin
MD1
Input
Designates operating mode through the level applied to this pin
FWE
Input
Enables, by hardware, programming/erasing of the on-chip flash
memory
3.3
Operating Modes
3.3.1
Mode 0 (MCU Extension Mode 0)
In this mode, CS0 space becomes external memory spaces with 32-bit bus width (SH7286) or 16-
bit bus width (SH7285 and SH7243).
3.3.2
Mode 1 (MCU Extension Mode 1)
In this mode, CS0 space becomes external memory spaces with 16-bit bus width (SH7286) 8-bit
bus width (SH7285 and SH7243).
3.3.3
Mode 2 (MCU Extension Mode 2)
The on-chip ROM is active and CS0 space can be used in this mode.
3.3.4
Mode 3 (Single Chip Mode)
All ports can be used in this mode, however the external address cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com