Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 499 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 499 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 495Page - Renesas Technology Corp SH7243 Datasheet HTML 496Page - Renesas Technology Corp SH7243 Datasheet HTML 497Page - Renesas Technology Corp SH7243 Datasheet HTML 498Page - Renesas Technology Corp SH7243 Datasheet HTML 499Page - Renesas Technology Corp SH7243 Datasheet HTML 500Page - Renesas Technology Corp SH7243 Datasheet HTML 501Page - Renesas Technology Corp SH7243 Datasheet HTML 502Page - Renesas Technology Corp SH7243 Datasheet HTML 503Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 469 of 1692
REJ09B0393-0100
Table 11.28 TIORU_5, TIORV_5, and TIORW_5 (Channel 5)
Description
Bit 4
IOC4
Bit 3
IOC3
Bit 2
IOC2
Bit 1
IOC1
Bit 0
IOC0
TGRU_5,
TGRV_5, and
TGRW_5
Function
TIC5U, TIC5V, and TIC5W Pin Function
0
0
0
0
0
Compare match
1
Setting prohibited
1
X
Setting prohibited
1
X
X
Setting prohibited
1
X
X
X
Compare
match register
Setting prohibited
1
0
0
0
0
Setting prohibited
1
Input capture at rising edge
1
0
Input capture at falling edge
1
Input capture at both edges
1
X
X
Setting prohibited
1
0
0
0
Setting prohibited
1
Measurement of low pulse width of external input signal
Capture at trough in complementary PWM mode
1
0
Measurement of low pulse width of external input signal
Capture at crest in complementary PWM mode
1
Measurement of low pulse width of external input signal
Capture at crest and trough in complementary PWM
mode
1
0
0
Setting prohibited
1
Measurement of high pulse width of external input
signal
Capture at trough in complementary PWM mode
1
0
Measurement of high pulse width of external input
signal
Capture at crest in complementary PWM mode
1
Input capture
register
Measurement of high pulse width of external input
signal
Capture at crest and trough in complementary PWM
mode
[Legend]
X:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com