Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 532 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 532 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 528Page - Renesas Technology Corp SH7243 Datasheet HTML 529Page - Renesas Technology Corp SH7243 Datasheet HTML 530Page - Renesas Technology Corp SH7243 Datasheet HTML 531Page - Renesas Technology Corp SH7243 Datasheet HTML 532Page - Renesas Technology Corp SH7243 Datasheet HTML 533Page - Renesas Technology Corp SH7243 Datasheet HTML 534Page - Renesas Technology Corp SH7243 Datasheet HTML 535Page - Renesas Technology Corp SH7243 Datasheet HTML 536Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 502 of 1692
REJ09B0393-0100
Bit
Bit Name
Initial
Value
R/W
Description
0
OE3B
0
R/W
Master Enable TIOC3B
This bit enables/disables the TIOC3B pin MTU2 output.
0: MTU2 output is disabled (inactive level)*
1: MTU2 output is enabled
Note:
*
The inactive level is determined by the settings in timer output control registers 1 and 2
(TOCR1 and TOCR2). For details, refer to section 11.3.20, Timer Output Control
Register 1 (TOCR1), and section 11.3.21, Timer Output Control Register 2 (TOCR2).
Set these bits to 1 to enable MTU2 output in other than complementary PWM or reset-
synchronized PWM mode. When these bits are set to 0, low level is output.
11.3.20
Timer Output Control Register 1 (TOCR1)
TOCR1 is an 8-bit readable/writable register that enables/disables PWM synchronized toggle
output in complementary PWM mode/reset synchronized PWM mode, and controls output level
inversion of PWM output.
Bit:
Initial value:
R/W:
7654321
0
00000000
R
R/W
R
R
R/(W)* R/W
R/W
R/W
Note:
This bit can be set to 1 only once after a power-on reset. After 1 is written, 0 cannot be written to the bit.
*
-
PSYE
-
-
TOCL
TOCS
OLSN
OLSP
Bit
Bit Name
Initial
value
R/W
Description
7
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
PSYE
0
R/W
PWM Synchronous Output Enable
This bit selects the enable/disable of toggle output
synchronized with the PWM period.
0: Toggle output is disabled
1: Toggle output is enabled
5, 4
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com