| Electronic Components Datasheet Search |
|
SH7243 Datasheet(PDF) 552 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7243 Datasheet(HTML) 552 Page - Renesas Technology Corp |
|
552 / 1726 page ![]() Section 11 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 1.00 Jun. 26, 2008 Page 522 of 1692 REJ09B0393-0100 11.4 Operation 11.4.1 Basic Functions Each channel has a TCNT and TGR register. TCNT performs up-counting, and is also capable of free-running operation, cycle counting, and external event counting. Each TGR can be used as an input capture register or output compare register. Always select MTU2 external pins set function using the pin function controller (PFC). (1) Counter Operation When one of bits CST0 to CST4 in TSTR or bits CSTU5, CSTV5, and CSTW5 in TSTR_5 is set to 1, the TCNT counter for the corresponding channel begins counting. TCNT can operate as a free-running counter, periodic counter, for example. (a) Example of Count Operation Setting Procedure Figure 11.4 shows an example of the count operation setting procedure. Operation selection Select counter clock Periodic counter Select counter clearing source Select output compare register Set period Free-running counter Start count operation <Free-running counter> <Periodic counter> Start count operation [1] [2] [3] [4] [5] [5] [1] Select the counter clock with bits TPSC2 to TPSC0 in TCR. At the same time, select the input clock edge with bits CKEG1 and CKEG0 in TCR. [2] For periodic counter operation, select the TGR to be used as the TCNT clearing source with bits CCLR2 to CCLR0 in TCR. [3] Designate the TGR selected in [2] as an output compare register by means of TIOR. [4] Set the periodic counter cycle in the TGR selected in [2]. [5] Set the CST bit in TSTR to 1 to start the counter operation. Figure 11.4 Example of Counter Operation Setting Procedure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |