Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 558 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 558 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 554Page - Renesas Technology Corp SH7243 Datasheet HTML 555Page - Renesas Technology Corp SH7243 Datasheet HTML 556Page - Renesas Technology Corp SH7243 Datasheet HTML 557Page - Renesas Technology Corp SH7243 Datasheet HTML 558Page - Renesas Technology Corp SH7243 Datasheet HTML 559Page - Renesas Technology Corp SH7243 Datasheet HTML 560Page - Renesas Technology Corp SH7243 Datasheet HTML 561Page - Renesas Technology Corp SH7243 Datasheet HTML 562Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 528 of 1692
REJ09B0393-0100
11.4.2
Synchronous Operation
In synchronous operation, the values in a number of TCNT counters can be rewritten
simultaneously (synchronous presetting). Also, a number of TCNT counters can be cleared
simultaneously by making the appropriate setting in TCR (synchronous clearing).
Synchronous operation enables TGR to be incremented with respect to a single time base.
Channels 0 to 4 can all be designated for synchronous operation. Channel 5 cannot be used for
synchronous operation.
(1)
Example of Synchronous Operation Setting Procedure
Figure 11.12 shows an example of the synchronous operation setting procedure.
No
Yes
Set synchronous
operation
<Synchronous presetting>
<Counter clearing>
<Synchronous clearing>
Clearing
source generation
channel?
Select counter
clearing source
Start count
Set synchronous
counter clearing
Start count
[1]
[3]
[5]
[4]
[5]
[2]
Synchronous operation
selection
[1] Set to 1 the SYNC bits in TSYR corresponding to the channels to be designated for synchronous
operation.
[2] When the TCNT counter of any of the channels designated for synchronous operation is written to,
the same value is simultaneously written to the other TCNT counters.
[3] Use bits CCLR2 to CCLR0 in TCR to specify TCNT clearing by input capture/output compare, etc.
[4] Use bits CCLR2 to CCLR0 in TCR to designate synchronous clearing for the counter clearing source.
[5] Set to 1 the CST bits in TSTR for the relevant channels, to start the count operation.
Set TCNT
Synchronous presetting
Synchronous clearing
Figure 11.12 Example of Synchronous Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com