| Electronic Components Datasheet Search |
|
SH7243 Datasheet(PDF) 565 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7243 Datasheet(HTML) 565 Page - Renesas Technology Corp |
|
565 / 1726 page ![]() Section 11 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 1.00 Jun. 26, 2008 Page 535 of 1692 REJ09B0393-0100 Table 11.45 show the TICCR setting and input capture input pins. Table 11.45 TICCR Setting and Input Capture Input Pins Target Input Capture TICCR Setting Input Capture Input Pins I2AE bit = 0 (initial value) TIOC1A Input capture from TCNT_1 to TGRA_1 I2AE bit = 1 TIOC1A, TIOC2A I2BE bit = 0 (initial value) TIOC1B Input capture from TCNT_1 to TGRB_1 I2BE bit = 1 TIOC1B, TIOC2B I1AE bit = 0 (initial value) TIOC2A Input capture from TCNT_2 to TGRA_2 I1AE bit = 1 TIOC2A, TIOC1A I1BE bit = 0 (initial value) TIOC2B Input capture from TCNT_2 to TGRB_2 I1BE bit = 1 TIOC2B, TIOC1B (1) Example of Cascaded Operation Setting Procedure Figure 11.20 shows an example of the setting procedure for cascaded operation. Cascaded operation Set cascading Start count <Cascaded operation> [1] [2] [1] Set bits TPSC2 to TPSC0 in the channel 1 TCR to B'1111 to select TCNT_2 overflow/ underflow counting. [2] Set the CST bit in TSTR for the upper and lower channel to 1 to start the count operation. Figure 11.20 Cascaded Operation Setting Procedure (2) Cascaded Operation Example (a) Figure 11.21 illustrates the operation when TCNT_2 overflow/underflow counting has been set for TCNT_1 and phase counting mode has been designated for channel 2. TCNT_1 is incremented by TCNT_2 overflow and decremented by TCNT_2 underflow. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |