| Electronic Components Datasheet Search |
|
SH7243 Datasheet(PDF) 571 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7243 Datasheet(HTML) 571 Page - Renesas Technology Corp |
|
571 / 1726 page ![]() Section 11 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 1.00 Jun. 26, 2008 Page 541 of 1692 REJ09B0393-0100 (1) Example of PWM Mode Setting Procedure Figure 11.25 shows an example of the PWM mode setting procedure. PWM mode Select counter clock Select counter clearing source Select waveform output level Set TGR Set PWM mode Start count <PWM mode> [1] [2] [3] [4] [5] [6] [1] Select the counter clock with bits TPSC2 to TPSC0 in TCR. At the same time, select the input clock edge with bits CKEG1 and CKEG0 in TCR. [2] Use bits CCLR2 to CCLR0 in TCR to select the TGR to be used as the TCNT clearing source. [3] Use TIOR to designate the TGR as an output compare register, and select the initial value and output value. [4] Set the cycle in the TGR selected in [2], and set the duty in the other TGR. [5] Select the PWM mode with bits MD3 to MD0 in TMDR. [6] Set the CST bit in TSTR to 1 to start the count operation. Figure 11.25 Example of PWM Mode Setting Procedure (2) Examples of PWM Mode Operation Figure 11.26 shows an example of PWM mode 1 operation. In this example, TGRA compare match is set as the TCNT clearing source, 0 is set for the TGRA initial output value and output value, and 1 is set as the TGRB output value. In this case, the value set in TGRA is used as the period, and the values set in the TGRB registers are used as the duty levels. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |