Electronic Components Datasheet Search
  English  ▼

X  

SH7706 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7706
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/SH7700 Series
PDF  749 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7706 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7706 Datasheet HTML 51Page - Renesas Technology Corp SH7706 Datasheet HTML 52Page - Renesas Technology Corp SH7706 Datasheet HTML 53Page - Renesas Technology Corp SH7706 Datasheet HTML 54Page - Renesas Technology Corp SH7706 Datasheet HTML 55Page - Renesas Technology Corp SH7706 Datasheet HTML 56Page - Renesas Technology Corp SH7706 Datasheet HTML 57Page - Renesas Technology Corp SH7706 Datasheet HTML 58Page - Renesas Technology Corp SH7706 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 749 page
background image
Section 1 Overview
Rev. 5.00 May 29, 2006 page 7 of 698
REJ09B0146-0500
Number of Pins
FP-176C
TBP-208A
Pin Name
I/O
Description
30
M2
D12
I/O
Data bus
31
M3
D11
I/O
Data bus
32
M4
D10
I/O
Data bus
33
N1
D9
I/O
Data bus
34
N2
D8
I/O
Data bus
35
N3
D7
I/O
Data bus
36
N4
D6
I/O
Data bus
37
P1
V
SSQ
—
Input/output power supply (0 V)
38
P2
D5
I/O
Data bus
39
P3
V
CCQ
—
Input/output power supply (3.3 V)
40
R1
D4
I/O
Data bus
41
R2
D3
I/O
Data bus
42
P4
D2
I/O
Data bus
43
T1
D1
I/O
Data bus
44
T2
D0
I/O
Data bus
45
U1
A0
O
Address bus
46
U2
A1
O
Address bus
47
R3
A2
O
Address bus
48
T3
A3
O
Address bus
49
U3
V
SSQ
—
Input/output power supply (0 V)
50
R4
A4
O
Address bus
51
T4
V
CCQ
—
Input/output power supply (3.3 V)
52
U4
A5
O
Address bus
53
P5
A6
O
Address bus
54
R5
A7
O
Address bus
55
T5
A8
O
Address bus
56
U5
A9
O
Address bus
57
P6
A10
O
Address bus
58
R6
A11
O
Address bus
59
T6
A12
O
Address bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com