Electronic Components Datasheet Search
  English  ▼

X  

SH7706 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # SH7706
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/SH7700 Series
PDF  749 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7706 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button SH7706 Datasheet HTML 28Page - Renesas Technology Corp SH7706 Datasheet HTML 29Page - Renesas Technology Corp SH7706 Datasheet HTML 30Page - Renesas Technology Corp SH7706 Datasheet HTML 31Page - Renesas Technology Corp SH7706 Datasheet HTML 32Page - Renesas Technology Corp SH7706 Datasheet HTML 33Page - Renesas Technology Corp SH7706 Datasheet HTML 34Page - Renesas Technology Corp SH7706 Datasheet HTML 35Page - Renesas Technology Corp SH7706 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 749 page
background image
Rev. 5.00 May 29, 2006 page xxxii of xlviii
18.5.2 Port E Data Register (PEDR)............................................................................... 516
18.6
Port F................................................................................................................................. 517
18.6.1 Register Description............................................................................................. 517
18.6.2 Port F Data Register (PFDR) ............................................................................... 518
18.7
Port G ................................................................................................................................ 519
18.7.1 Register Description............................................................................................. 519
18.7.2 Port G Data Register (PGDR) .............................................................................. 520
18.8
Port H ................................................................................................................................ 521
18.8.1 Register Description............................................................................................. 521
18.8.2 Port H Data Register (PHDR) .............................................................................. 522
18.9
Port J ................................................................................................................................. 523
18.9.1 Register Description............................................................................................. 523
18.9.2 Port J Data Register (PJDR)................................................................................. 524
18.10 SC Port .............................................................................................................................. 525
18.10.1 Register Description............................................................................................. 525
18.10.2 SC Port Data Register (SCPDR) .......................................................................... 526
Section 19 A/D Converter (ADC) .................................................................................. 529
19.1
Features ............................................................................................................................. 529
19.2
Input/Output Pin................................................................................................................ 531
19.3
Register Description.......................................................................................................... 531
19.3.1 A/D Data Registers A to D (ADDRA to ADDRD).............................................. 532
19.3.2 A/D Control/Status Register (ADCSR) ............................................................... 533
19.3.3 A/D Control Register (ADCR) ............................................................................ 536
19.4
Bus Master Interface ......................................................................................................... 536
19.5
Access Size of A/D Data Register..................................................................................... 538
19.5.1 Word Access ........................................................................................................ 538
19.5.2 Longword Access................................................................................................. 538
19.6
Operation .......................................................................................................................... 539
19.6.1 Single Mode (MULTI = 0) .................................................................................. 539
19.6.2 Multi Mode (MULTI = 1, SCN = 0).................................................................... 540
19.6.3 Scan Mode (MULTI = 1, SCN = 1) ..................................................................... 542
19.6.4 Input Sampling and A/D Conversion Time ......................................................... 543
19.6.5 External Trigger Input Timing ............................................................................. 545
19.7
Interrupt Requests ............................................................................................................. 545
19.8
Definitions of A/D Conversion Accuracy ......................................................................... 545
19.9
Usage Note........................................................................................................................ 546
19.9.1 Setting Analog Input Voltage .............................................................................. 546
19.9.2 Processing of Analog Input Pins .......................................................................... 547
19.9.3 Access Size and Read Data .................................................................................. 548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com