Electronic Components Datasheet Search
  English  ▼

X  

SH7706 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7706
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/SH7700 Series
PDF  749 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7706 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7706 Datasheet HTML 93Page - Renesas Technology Corp SH7706 Datasheet HTML 94Page - Renesas Technology Corp SH7706 Datasheet HTML 95Page - Renesas Technology Corp SH7706 Datasheet HTML 96Page - Renesas Technology Corp SH7706 Datasheet HTML 97Page - Renesas Technology Corp SH7706 Datasheet HTML 98Page - Renesas Technology Corp SH7706 Datasheet HTML 99Page - Renesas Technology Corp SH7706 Datasheet HTML 100Page - Renesas Technology Corp SH7706 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 749 page
background image
Section 2 CPU
Rev. 5.00 May 29, 2006 page 49 of 698
REJ09B0146-0500
2.5
Processor States and Processor Modes
2.5.1
Processor States
The SH7706 has five processor states: the reset state, exception-handling state, bus-released state,
program execution state, and power-down state.
Reset State: In this state the CPU is reset. The CPU enters the power-on reset state if the
RESETP
pin is low, or the manual reset state if the
RESETM pin is low. See section 4, Exception
Processing, for more information on resets.
In the power-on reset state, the internal states of the CPU and the on-chip supporting module
registers are initialized. In the manual reset state, the internal states of the CPU and registers of on-
chip supporting modules other than the bus state controller (BSC) are initialized. For details, refer
to section 23.3, Register States in Processing Mode.
Exception-Handling State: This is a transient state during which the CPU's processor state flow
is altered by a reset, general exception, or interrupt exception handling.
In the case of a reset, the CPU branches to address H'A0000000 and starts executing the user-
coded exception handling program.
In the case of a general exception or interrupt, the program counter (PC) contents are saved in the
saved program counter (SPC) and the status register (SR) contents are saved in the saved status
register (SSR). The CPU branches to the start address of the user-coded exception service routine
found from the sum of the contents of the vector base address and the vector offset. See section 4,
Exception Processing, for more information on resets, general exceptions, and interrupts.
Program Execution State: In this state the CPU executes program instructions in sequence.
Power-Down State: In the power-down state, CPU operation halts and power consumption is
reduced. There are three modes in the power-down state: sleep mode, software standby mode and
hardware standby mode. The software standby mode and hardware standby mode are expressed by
a generlc name, standby mode. See section 22, Power-Down Modes, for more information.
Bus-Released State: In this state the CPU has released the bus to a device that requested it.
Transitions between the states are shown in figure 2.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com