Electronic Components Datasheet Search
  English  ▼

X  

4551 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 4551
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4551 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 4551 Datasheet HTML 35Page - Renesas Technology Corp 4551 Datasheet HTML 36Page - Renesas Technology Corp 4551 Datasheet HTML 37Page - Renesas Technology Corp 4551 Datasheet HTML 38Page - Renesas Technology Corp 4551 Datasheet HTML 39Page - Renesas Technology Corp 4551 Datasheet HTML 40Page - Renesas Technology Corp 4551 Datasheet HTML 41Page - Renesas Technology Corp 4551 Datasheet HTML 42Page - Renesas Technology Corp 4551 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 155 page
background image
FUNCTIONAL BLOCK OPERATIONS
4551 Group User’s Manual
HARDWARE
1-27
Fig. 23 Carrier wave output auto-control by timer 1
Timer 1 underflow
Port CARR output
(C20)
←0
Register C20
(C20)
←1 (C20)←0 (C20)←1
a
b
c
Set the interval
“a” to timer 1.
Set the interval “b” to
reload register R1.
Set the interval “c” to
reload register R1.
Set the interval “d” to
reload register R1.
d
Timer 1
underflow
Port CARR
output
(C20)
←1
Carrier wave output start
Timer 1 start
Carrier wave output start
“H”
“L”
“1”
“0”
“1”
“0”
“H”
“L”
“1”
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com