Electronic Components Datasheet Search
  English  ▼

X  

4551 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 4551
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4551 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 4551 Datasheet HTML 59Page - Renesas Technology Corp 4551 Datasheet HTML 60Page - Renesas Technology Corp 4551 Datasheet HTML 61Page - Renesas Technology Corp 4551 Datasheet HTML 62Page - Renesas Technology Corp 4551 Datasheet HTML 63Page - Renesas Technology Corp 4551 Datasheet HTML 64Page - Renesas Technology Corp 4551 Datasheet HTML 65Page - Renesas Technology Corp 4551 Datasheet HTML 66Page - Renesas Technology Corp 4551 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 155 page
background image
Skip condition
Detailed description
4551 Group User’s Manual
HARDWARE
1-51
MACHINE INSTRUCTIONS
–
–
Overflow = 0
–
–
–
–
(CY) = 0
–
–
–
–
(Mj(DP)) = 0
j = 0 to 3
(A) = (M(DP))
(A) = n
–
0/1
–
–
–
1
0
–
–
0/1
–
–
–
–
–
Adds the contents of M(DP) to register A. Stores the result in register A. The contents of carry flag CY
remains unchanged.
Adds the contents of M(DP) and carry flag CY to register A. Stores the result in register A and carry flag
CY.
Adds the value n in the immediate field to register A.
The contents of carry flag CY remains unchanged.
Skips the next instruction when there is no overflow as the result of operation.
Performs the AND operation between the contents of register A and the contents of M(DP), and stores
the result in register A.
Performs the OR operation between the contents of register A and the contents of M(DP), and stores
the result in register A.
Sets carry flag CY to “1.”
Clears carry flag CY to “0.”
Skips the next instruction when the contents of carry flag CY is “0.”
Stores the one’s complement for register A’s contents in register A.
Rotates the contents of register A including the contents of carry flag CY to the right by 1 bit.
Sets the contents of bit j (bit specified by the value j in the immediate field) of M(DP) to “1.”
Clears the contents of bit j (bit specified by the value j in the immediate field) of M(DP) to “0.”
Skips the next instruction when the contents of bit j (bit specified by the value j in the immediate field)
of M(DP) is “0.”
Skips the next instruction when the contents of register A is equal to the contents of M(DP).
Skips the next instruction when the contents of register A is equal to the value n in the immediate field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com