Electronic Components Datasheet Search
  English  ▼

X  

4551 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 4551
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4551 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 4551 Datasheet HTML 11Page - Renesas Technology Corp 4551 Datasheet HTML 12Page - Renesas Technology Corp 4551 Datasheet HTML 13Page - Renesas Technology Corp 4551 Datasheet HTML 14Page - Renesas Technology Corp 4551 Datasheet HTML 15Page - Renesas Technology Corp 4551 Datasheet HTML 16Page - Renesas Technology Corp 4551 Datasheet HTML 17Page - Renesas Technology Corp 4551 Datasheet HTML 18Page - Renesas Technology Corp 4551 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 155 page
background image
4551 Group User’s Manual
HARDWARE
1-3
DESCRIPTION
The 4551 Group is a 4-bit single-chip microcomputer designed
with CMOS technology. Its CPU is that of the 4500 series using
a simple, high-speed instruction set. The computer is equipped
with an 8-bit timer with a reload register, a 14-bit timer which is
also used as a watchdog timer, a 4-bit timer with a reload register,
a carrier wave output circuit and an LCD control circuit.
The mask ROM version and built-in PROM version of 4551 Group
are produced as shown in the table below.
FEATURES
q Minimum instruction execution time ............................ 1.5
µs
(f(XIN)=8.0 MHz, VDD=5.0 V, system clock = f(XIN)/4)
q Supply voltage
............................. 2.5 V to 5.5 V (One Time PROM version)
....................................... 2.2 V to 5.5 V (Mask ROM version)
q System clock switch function
........................................... Clock divided by 4 or not divided
q LCD control circuit
Segment output .................................................................. 20
Common output .................................................................... 4
q Carrier wave frequency switch function
System clock, system clock/2, system clock/8,
system clock/12, system clock/16, system clock/24, “H” fixed
q Timers
Timer 1 ................................ 8-bit timer with a reload register
Timer 2 ............... 14-bit timer also used as a watchdog timer
Timer LC ............................. 4-bit timer with a reload register
q Interrupt ................................................................... 3 sources
q Voltage drop detection circuit ............................................... 1
q Clock generating circuit (ceramic resonance and quartz-crystal
oscillation)
APPLICATION
Remote control transmitter
Product
M34551M4-XXXFP
M34551M8-XXXFP
(Note 1)
M34551E8-XXXFP
(Note 2)
ROM type
Mask ROM
Mask ROM
One Time PROM
Package
48P6S-A
48P6S-A
48P6S-A
RAM size
(! 4 bits)
280 words
280 words
280 words
ROM (PROM) size
(! 10 bits)
4096 words
8192 words
8192 words
Notes 1: Under development (Aug. 1998)
2: Shipped after writing (shipped in blank: M34551E8FP)
PIN CONFIGURATION (TOP VIEW)
M34551Mx-XXXFP
Outline 48P6S-A
DESCRIPTION/FEATURES/APPLICATION/PIN CONFIGURATION
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
M34551Mx-XXXFP
SEG11
SEG14
SEG15
SEG9
VSS
XOUT
XIN
D4
D7/XCOUT
D6/XCIN
CARR
VDD
CNVSS
VSS
D5 / INT
SEG10
SEG13
SEG12
P20 / SEG16
P21 / SEG17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com