Electronic Components Datasheet Search
  English  ▼

X  

4551 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 4551
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4551 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 4551 Datasheet HTML 45Page - Renesas Technology Corp 4551 Datasheet HTML 46Page - Renesas Technology Corp 4551 Datasheet HTML 47Page - Renesas Technology Corp 4551 Datasheet HTML 48Page - Renesas Technology Corp 4551 Datasheet HTML 49Page - Renesas Technology Corp 4551 Datasheet HTML 50Page - Renesas Technology Corp 4551 Datasheet HTML 51Page - Renesas Technology Corp 4551 Datasheet HTML 52Page - Renesas Technology Corp 4551 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 155 page
background image
4551 Group User’s Manual
HARDWARE
1-37
(8) State transition
State transition is described using Figure 36.
Fig. 36 State transition
FUNCTIONAL BLOCK OPERATIONS
B
C
D
K
A
F
G
H
E
MR3
← 1
MR3
← 0
MR3
← 1
MR3
← 0
MR3
← 1
MR3
← 0
MR3
← 1
MR3
← 0
(Note 2)
(Note 2)
J
f(XIN):Stop
f(XCIN) :
Oscillation
I
(Stabilizing
time
c )
(Stabilizing
time
d )(Stabilizing
time
d )
B , F
C , G
D , H
B , F
C , G
D , H
A , E
A , E
B , F
C , G
D , H
B , F
C , G
D , H
A , E
(Note 2)
Reset
POF execution
Return input 1
(Stabilizing time a )
POF execution
Return input 1, 2
(Stabilizing time a )
POF execution
Return input 1, 2
(Stabilizing time c )
(Note 1)
Clock
operating
mode
POF execution
Return input 1, 2
(Stabilizing time c )
(Note 1)
f(XIN):Stop
f(XCIN):Stop
Clock
operating
mode
f(XIN):Oscillation
f(XCIN):Stop
System clock;
f(XIN)/4
MR=(10002)
f(XIN):Oscillation
f(XCIN):Oscillation
f(XIN):Oscillation
f(XCIN):Oscillation
f(XIN):Stop
f(XCIN):Oscillation
System clock;
f(XIN)/4
MR=(11002)
System clock;
f(XCIN)/4
MR=(11012)
System clock;
f(XCIN)/4
MR=(11112)
f(XIN):Oscillation
f(XCIN):Stop
System clock;
f(XIN)
MR=(00002)
f(XIN):Oscillation
f(XCIN):Oscillation
System clock;
f(XIN)
MR=(01002)
f(XIN):Oscillation
f(XCIN):Oscillation
System clock;
f(XCIN)
MR=(01012)
f(XIN):Stop
f(XCIN):Oscillation
System clock;
f(XCIN)
MR=(01112)
(Note 2)
POF2 execution
Return input 1
(Stabilizing time a )
POF2 execution
Return input 1
(Stabilizing time a )
POF2 execution
Return input 1
(Stabilizing time b )
POF2 execution
Return input 1
(Stabilizing time b )
f(XIN):Stop
f(XCIN):Stop
RAM
back-up
mode
Stabilizing time a : An interval required to stabilize the f(XIN) oscillation is automatically generated by hardware.
Stabilizing time b : An interval required to stabilize the f(XCIN) oscillation is automatically generated by hardware.
Stabilizing time c : Generate an interval required to stabilize the f(XIN) oscillation in state C or G by software at the
transition D
→C, D→G, H→C, H→G, J→C, or J→G.
Stabilizing time d : Generate an interval required to stabilize the f(XCIN) oscillation in state B, F by software at the
transition A
→B, E→F, A→F, or E→B.
Return input 1: External wakeup signal (P00–P03, P10–P13)
Return input 2: Timer 2 interrupt request flag
Notes 1. MR3=“1”
→The microcomputer starts its operation after counting f(XCIN) clock signal 59 to 70 times.
MR3=“0”
→The microcomputer starts its operation after counting f(XCIN) clock signal 32 to 43 times.
2. When the following 2 conditions are satisfied, the transition A
→E, B→F, A→F, C→F, G→F represented
by “
” can be executed.
(1) VDD = 2.2 V to 5.5 V (One Time PROM version: VDD = 2.5 V to 5.5 V), f(XIN)
≤ 1.0 MHz
(2) VDD = 4.5 V to 5.5 V, f(XIN)
≤ 2.0 MHz
A , E
MR
2 ←
0
MR
3 ←
0
MR
2 ←
1
MR
3 ←
1
(Note 2)
MR
2
←
1
MR
2
←
0
MR
3
←
0
MR
3
←
1
MR
3
←
1
MR
0
←
0
MR
3
←
0
MR
0
←
1
MR
0 ←
1
MR
0 ←
0
MR
3 ←
1
MR
3 ←
0
MR
3
←
1
MR
1
←
0
MR
3
←
0
MR
1
←
1
MR
1 ←
0
MR
3 ←
0
MR
1 ←
1
MR
3 ←
1
(Stabilizing
time
c )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com