Electronic Components Datasheet Search
  English  ▼

X  

4551 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 4551
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4551 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 4551 Datasheet HTML 7Page - Renesas Technology Corp 4551 Datasheet HTML 8Page - Renesas Technology Corp 4551 Datasheet HTML 9Page - Renesas Technology Corp 4551 Datasheet HTML 10Page - Renesas Technology Corp 4551 Datasheet HTML 11Page - Renesas Technology Corp 4551 Datasheet HTML 12Page - Renesas Technology Corp 4551 Datasheet HTML 13Page - Renesas Technology Corp 4551 Datasheet HTML 14Page - Renesas Technology Corp 4551 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 155 page
background image
4551 Group User’s Manual
vi
List of tabels
CHAPTER 1 HARDWARE
Table Selection of system clock .................................................................................................. 1-5
Table 1 ROM size and pages .................................................................................................... 1-13
Table 2 RAM size ........................................................................................................................ 1-14
Table 3 Interrupt sources ............................................................................................................ 1-15
Table 4 Interrupt request flag, interrupt enable bit and skip instruction .............................. 1-15
Table 5 Interrupt enable bit function ......................................................................................... 1-15
Table 6 Interrupt control register ............................................................................................... 1-17
Table 7 External interrupt activated condition ......................................................................... 1-18
Table 8 External interrupt control register ................................................................................ 1-19
Table 9 Function related timers ................................................................................................. 1-20
Table 10 Timer control registers ................................................................................................ 1-22
Table 11 Carrier generating circuit control register and control flag .................................... 1-26
Table 12 Duty and maximum number of displayed pixels ..................................................... 1-28
Table 13 LCD control registers .................................................................................................. 1-30
Table 14 Port state at reset ....................................................................................................... 1-33
Table 15 Functions and states retained at power down ........................................................ 1-35
Table 16 Return source and return condition .......................................................................... 1-36
Table 17 Pull-up control register ............................................................................................... 1-36
Table 18 Clock control register .................................................................................................. 1-38
Table 19 Product of built-in PROM version ............................................................................. 1-64
Table 20 Programming adapter .................................................................................................. 1-65
CHAPTER 2 APPLICATION
Table 2.1.1 Pull-up control register PU0 .................................................................................... 2-4
Table 2.1.2 LCD control register L2 ............................................................................................ 2-4
Table 2.1.3 Clock control register MR ........................................................................................ 2-5
Table 2.1.4 connections of unused pins ..................................................................................... 2-8
Table 2.2.1 Interrupt control register V1 ................................................................................... 2-10
Table 2.2.2 Interrupt control register I1 .................................................................................... 2-11
Table 2.3.1 Interrupt control register V1 ................................................................................... 2-17
Table 2.3.3 Timer control register W2 ...................................................................................... 2-18
Table 2.3.2 Timer control register W1 ...................................................................................... 2-18
Table 2.3.4 Timer control register W3 ...................................................................................... 2-19
Table 2.4.1 Carrier wave output control register C2 .............................................................. 2-27
Table 2.4.2 Carrier wave generating control flag CR ............................................................. 2-27
Table 2.5.1 Duty and maximum number of displayed pixels ................................................. 2-33
Table 2.5.2 LCD control register L1 .......................................................................................... 2-34
Table 2.5.3 LCD control register L2 .......................................................................................... 2-35
Table 2.5.4 Timer control register W3 ...................................................................................... 2-35
Table 2.5.5 Frame frequency ..................................................................................................... 2-38
Table 2.6.1 Functions and states retained at RAM back-up mode and the clock operating mode .... 2-42
Table 2.6.2 Return source and return condition ...................................................................... 2-43
Table 2.6.3 Start condition identification ................................................................................... 2-43
Table 2.6.4 Clock control register MR ...................................................................................... 2-44
Table 2.6.5 Pull-up control register PU0 .................................................................................. 2-44
Table 2.8.1 Maximum value of oscillation frequency and supply voltage ............................ 2-50
List of tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com