Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 190Page - Renesas Technology Corp 7220 Datasheet HTML 191Page - Renesas Technology Corp 7220 Datasheet HTML 192Page - Renesas Technology Corp 7220 Datasheet HTML 193Page - Renesas Technology Corp 7220 Datasheet HTML 194Page - Renesas Technology Corp 7220 Datasheet HTML 195Page - Renesas Technology Corp 7220 Datasheet HTML 196Page - Renesas Technology Corp 7220 Datasheet HTML 197Page - Renesas Technology Corp 7220 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 303 page
background image
APPLICATION
5.4 Example of I2C-BUS interface control (M37221Mx-XXXSP/FP)
5-21
7220 Group User’s Manual
5.4 Example of I2C-BUS interface control (M37221Mx-XXXSP/FP)
The M37221Mx-XXXSP/FP has multi-master I2C-BUS interface. This interface, offering both arbitration lost
detection and synchronous functions, is useful for the multi-master serial communications.
This paragraph explains transmit/receive control example of E2PROM (M6M80012P) adaptable to the I2C-
BUS interface.
For details on the I2C-BUS interface, refer to “2.8 Multi-master I2C-BUS interface.”
5.4.1 Specifications
q E2PROM required: M6M80012P
q Synchronous clock: internal clock
q Standard clock mode: 100 kHz
q Number of transfer bits: 8 bits
q Data format: addressing format
q Pins required: SCL1, SDA1
q Direction of data transfer: MSB first
5.4.2 Connection example
Fig. 5.4.1 Connection example
P11/SCL1
P13/SDA1
M37221Mx-XXXSP
<Master>
M6M80012P
<Slave>
SCL
SDA
SCL
SDA
SCL
SDA
: Serial clock
: Serial data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com