Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 194Page - Renesas Technology Corp 7220 Datasheet HTML 195Page - Renesas Technology Corp 7220 Datasheet HTML 196Page - Renesas Technology Corp 7220 Datasheet HTML 197Page - Renesas Technology Corp 7220 Datasheet HTML 198Page - Renesas Technology Corp 7220 Datasheet HTML 199Page - Renesas Technology Corp 7220 Datasheet HTML 200Page - Renesas Technology Corp 7220 Datasheet HTML 201Page - Renesas Technology Corp 7220 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 303 page
background image
APPLICATION
5.4 Example of I2C-BUS interface control (M37221Mx-XXXSP/FP)
5-25
7220 Group User’s Manual
(3)
Data output processing routine
The data output processing routine is the common routine within the transmit/receive processing
routine.
Fig. 5.4.6 Flowchart of data output processing routine
Data output
S0 (address 00D7 16)
←Data to be output
END
S1 (address 00D9 16)
←111100002
1-byte data transmit completes?
Store the number of output bytes to internal RAM
The first byte ?
Store the next data to A
The last byte ?
= 1 (No ACK)
No ACK?
Output A.
Yes
N
END
Preparation for judging timeout.
No error
TRX = 0 :
AL = 1 :
= 0 (Completion of 1-byte data transmit)
= 1 (Not yet)
Yes
No
An error occurs when data
transmit does not end within a
certain period.
An error
such as timeout occurs ?
TRX (bit 6 at address 00D9 16)
≠“0” or
AL (bit 3 at address 00D9 16)
≠“1” ?
Error
PIN (bit 4 at address 00D9 16)
≠ “1” ?
Stop judging of timeout.
LRB (bit 0 at address 00D9 16)
≠ “1” ?
= 0 (ACK)
A:
S0:
S1:
TRX:
AL:
PIN:
LRB:
Accumulator
I2C data shift register
I2C status register
Communication mode specification bit
Arbitration lost detecting flag
Multi-master I2C interface interrupt
enable bit
Last receive bit
arbitration lost is
detected (error)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com