Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 113Page - Renesas Technology Corp 4513 Datasheet HTML 114Page - Renesas Technology Corp 4513 Datasheet HTML 115Page - Renesas Technology Corp 4513 Datasheet HTML 116Page - Renesas Technology Corp 4513 Datasheet HTML 117Page - Renesas Technology Corp 4513 Datasheet HTML 118Page - Renesas Technology Corp 4513 Datasheet HTML 119Page - Renesas Technology Corp 4513 Datasheet HTML 120Page - Renesas Technology Corp 4513 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 210 page
background image
APPLICATION
2.2 Interrupts
2-14
4513/4514 Group User’s Manual
(2)
Interrupt control register V1
Interrupt enable bits of external 0, external 1, timer 1 and timer 2 are assigned to register V1.
Set the contents of this register through register A with the TV1A instruction.
In addition, the TAV1 instruction can be used to transfer the contents of register V1 to register A.
Table 2.2.1 shows the interrupt control register V1.
Table 2.2.1 Interrupt control register V1
Interrupt control register V1
at reset : 00002
at RAM back-up : 00002
R/W
Interrupt disabled (SNZT2 instruction is valid)
Interrupt enabled (SNZT2 instruction is invalid)
Interrupt disabled (SNZT1 instruction is valid)
Interrupt enabled (SNZT1 instruction is invalid)
Interrupt disabled (SNZ1 instruction is valid)
Interrupt enabled (SNZ1 instruction is invalid)
Interrupt disabled (SNZ0 instruction is valid)
Interrupt enabled (SNZ0 instruction is invalid)
Timer 2 interrupt enable bit
Timer 1 interrupt enable bit
External 1 interrupt enable bit
External 0 interrupt enable bit
V13
V12
V11
V10
0
1
0
1
0
1
0
1
Note: “R” represents read enabled, and “W” represents write enabled.
(4)
Interrupt request flag
The activated condition for each interrupt is examined. Each interrupt request flag is set to “1” when
the activated condition is satisfied, even if the interrupt is disabled by the INTE flag or its interrupt
enable bit.
Each interrupt request flag is cleared to “0” when either;
•an interrupt occurs, or
•the next instruction is skipped with a skip instruction.
Interrupt control register V2
at reset : 00002
at RAM back-up : 00002
R/W
Interrupt disabled (SNZSI instruction is valid)
Interrupt enabled (SNZSI instruction is invalid)
Interrupt disabled (SNZAD instruction is valid)
Interrupt enabled (SNZAD instruction is invalid)
Interrupt disabled (SNZT4 instruction is valid)
Interrupt enabled (SNZT4 instruction is invalid)
Interrupt disabled (SNZT3 instruction is valid)
Interrupt enabled (SNZT3 instruction is invalid)
Serial I/O interrupt enable bit
A-D interrupt enable bit
Timer 4 interrupt enable bit
Timer 3 interrupt enable bit
V23
V22
V21
V20
0
1
0
1
0
1
0
1
Note: “R” represents read enabled, and “W” represents write enabled.
(3)
Interrupt control register V2
Interrupt enable bits of timer 3, timer 4, A-D, and serial I/O are assigned to register V2.
Set the contents of this register through register A with the TV2A instruction.
In addition, the TAV2 instruction can be used to transfer the contents of register V2 to register A.
Table 2.2.2 shows the interrupt control register V2.
Table 2.2.2 Interrupt control register V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com