| Electronic Components Datasheet Search |
|
4513 Datasheet(PDF) 118 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 Datasheet(HTML) 118 Page - Renesas Technology Corp |
|
118 / 210 page ![]() APPLICATION 2.2 Interrupts 2-15 4513/4514 Group User’s Manual Interrupt control register I1 at reset : 00002 at RAM back-up : state retained R/W This bit has no function, but read/write is enabled. Falling waveform (“L” level of INT0 pin is recognized with the SNZI0 instruction)/“L” level Rising waveform (“H” level of INT0 pin is recognized with the SNZI0 instruction)/“H” level One-sided edge detected Both edges detected Disabled Enabled Not used Interrupt valid waveform for INT0 pin/return level selection bit (Note 2) INT0 pin edge detection circuit control bit INT0 pin timer 1 control enable bit 0 1 0 1 0 1 0 1 I13 I12 I11 I10 Notes 1: “R” represents read enabled, and “W” represents write enabled. 2: When the contents of I12 is changed, the external interrupt request flag EXF0 may be set. Accordingly, clear EXF0 flag with the SNZ0 instruction. (5) Interrupt control register I1 The INT0 pin timer 1 control enable bit is assigned to bit 0, INT0 pin edge detection circuit control bit is assigned to bit 1, and interrupt valid waveform for INT0 pin/return level selection bit is assigned to bit 2. Set the contents of this register through register A with the TI1A instruction. In addition, the TAI1 instruction can be used to transfer the contents of register I1 to register A. Table 2.2.3 shows the interrupt control register I1. Table 2.2.3 Interrupt control register I1 (6) Interrupt control register I2 The INT1 pin timer 3 control enable bit is assigned to bit 0, the INT1 pin edge detection circuit control bit is assigned to bit 1 and the interrupt valid waveform for INT1 pin/return level selection bit is assigned to bit 2. Set the contents of this register through register A with the TI2A instruction. In addition, the TAI2 instruction can be used to transfer the contents of register I2 to register A. Table 2.2.4 shows the interrupt control register I2. Table 2.2.4 Interrupt control register I2 Interrupt control register I2 at reset : 00002 at RAM back-up : state retained R/W This bit has no function, but read/write is enabled. Falling waveform (“L” level of INT1 pin is recognized with the SNZI1 instruction)/“L” level Rising waveform (“H” level of INT1 pin is recognized with the SNZI1 instruction)/“H” level One-sided edge detected Both edges detected Disabled Enabled Not used Interrupt valid waveform for INT1 pin/return level selection bit (Note 2) INT1 pin edge detection circuit control bit INT1 pin timer 3 control enable bit 0 1 0 1 0 1 0 1 I23 I22 I21 I20 Notes 1: “R” represents read enabled, and “W” represents write enabled. 2: When the contents of I22 is changed, the external interrupt request flag EXF1 may be set. Accordingly, clear EXF1 flag with the SNZ1 instruction. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |