Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 161Page - Renesas Technology Corp 4513 Datasheet HTML 162Page - Renesas Technology Corp 4513 Datasheet HTML 163Page - Renesas Technology Corp 4513 Datasheet HTML 164Page - Renesas Technology Corp 4513 Datasheet HTML 165Page - Renesas Technology Corp 4513 Datasheet HTML 166Page - Renesas Technology Corp 4513 Datasheet HTML 167Page - Renesas Technology Corp 4513 Datasheet HTML 168Page - Renesas Technology Corp 4513 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 210 page
background image
APPLICATION
2-62
4513/4514 Group User’s Manual
2.9 RAM back-up
(4)
Interrupt control register I2
The interrupt valid waveform for INT1 pin/return level selection bit is assigned to bit 2, the INT1 pin
edge detection circuit control bit is assigned to bit 1, and the INT1 pin timer 1 control enable bit is
assigned to bit 1.
Set the contents of this register through register A with the TI2A instruction.
In addition, the TAI2 instruction can be used to transfer the contents of register I2 to register A.
Table 2.9.7 shows the interrupt control register I2.
Table 2.9.7 Interrupt control register I2
Interrupt control register I2
at reset : 00002
at RAM back-up : state retained
R/W
This bit has no function, but read/write is enabled.
Falling waveform (“L” level of INT1 pin is recognized
with the SNZI1 instruction)/“L” level
Rising waveform (“H” level of INT1 pin is recognized
with the SNZI1 instruction)/“H” level
One-sided edge detected
Both edges detected
Disabled
Enabled
Not used
Interrupt valid waveform for INT1
pin/return level selection bit
(Note 2)
INT1 pin edge detection circuit
control bit
INT1 pin
timer 3 control enable bit
0
1
0
1
0
1
0
1
I23
I22
I21
I20
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When the contents of I22 is changed, the external interrupt request flag EXF1 may be set.
Accordingly, clear EXF1 flag with the SNZ1 instruction.
2.9.3 Notes on use
(1)
Key-on wakeup function
After setting ports (P1 specified with register PU0 and P0) which key-on wakeup function is valid to
“H,” execute the POF instruction.
“L” level is input to the falling edge detection circuit even if one of ports which key-on wakeup
function is valid is in the “L” level state, and the edge is not detected.
(2)
POF instruction
Execute the POF instruction immediately after executing the EPOF instruction to enter the RAM
back-up state.
Note that system cannot enter the RAM back-up state when executing only the POF instruction.
Be sure to disable interrupts by executing the DI instruction before executing the EPOF instruction.
(3)
Return from RAM back-up
After system returns from RAM back-up, set the undefined registers and flags.
Especially, be sure to set data pointer (registers Z, X, Y).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com