Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 159Page - Renesas Technology Corp 4513 Datasheet HTML 160Page - Renesas Technology Corp 4513 Datasheet HTML 161Page - Renesas Technology Corp 4513 Datasheet HTML 162Page - Renesas Technology Corp 4513 Datasheet HTML 163Page - Renesas Technology Corp 4513 Datasheet HTML 164Page - Renesas Technology Corp 4513 Datasheet HTML 165Page - Renesas Technology Corp 4513 Datasheet HTML 166Page - Renesas Technology Corp 4513 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 210 page
background image
APPLICATION
2-60
4513/4514 Group User’s Manual
2.9 RAM back-up
Remarks
Set the port using the key-on wakeup function selected
with register K0 to “H” level before going into the RAM
back-up state because the port P0 shares the falling
edge detection circuit with port P1.
Select the return level (“L” level or “H” level) with the bit
2 of register I1 according to the external state before
going into the RAM back-up state.
Select the return level (“L” level or “H” level) with the bit
2 of register I2 according to the external state before
going into the RAM back-up state.
Return condition
Return by an external falling
edge input (“H”
→“L”).
Return by an external “H” level
or “L” level input.
The EXF0 flag is not set.
Return by an external “H” level
or “L” level input.
The EXF1 flag is not set.
Table 2.9.2 Return source and return condition
(2)
Start condition identification
When system returns from both RAM back-up mode and reset, software is started from address 0
in page 0.
The start condition (warm start or cold start) can be identified by examining the state of the power
down flag (P) with the SNZP instruction.
Table 2.9.3 Start condition identification
Fig. 2.9.1 Start condition identified example
Return source
Ports P0, P1
Port P30/INT0
Port P31/INT1
Return condition
External wakeup signal input
Reset
P flag
1
0
Software start
P = “1”
?
Yes
Warm start
Cold start
No
2.9.2 Related register
(1)
Key-on wakeup control register K0
Key-on wakeup control register K0 controls key-on wakeup functions of ports P00–P03, P10–P13.
Set the contents of this register through register A with the TK0A instruction. The TAK0 instruction
can be used to transfer the contents of register K0 to register A.
Table 2.9.4 shows the key-on wakeup control register K0.
Table 2.9.4 Key-on wakeup control register K0
Key-on wakeup control register K0
at reset : 00002
at RAM back-up : state retained
R/W
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Pins P12 and P13 key-on wakeup
control bit
Pins P10 and P11 key-on wakeup
control bit
Pins P02 and P03 key-on wakeup
control bit
Pins P00 and P01 key-on wakeup
control bit
0
1
0
1
0
1
0
1
K03
K02
K01
K00
Note: “R” represents read enabled, and “W” represents write enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com