Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 156Page - Renesas Technology Corp 4513 Datasheet HTML 157Page - Renesas Technology Corp 4513 Datasheet HTML 158Page - Renesas Technology Corp 4513 Datasheet HTML 159Page - Renesas Technology Corp 4513 Datasheet HTML 160Page - Renesas Technology Corp 4513 Datasheet HTML 161Page - Renesas Technology Corp 4513 Datasheet HTML 162Page - Renesas Technology Corp 4513 Datasheet HTML 163Page - Renesas Technology Corp 4513 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 210 page
background image
APPLICATION
2-57
4513/4514 Group User’s Manual
• Program counter (PC) ............................................................................................
Address 0 in page 0 is set to program counter.
• Interrupt enable flag (INTE) ...................................................................................
• Power down flag (P) ...............................................................................................
• External 0 interrupt request flag (EXF0) ................................................................
• External 1 interrupt request flag (EXF1) ................................................................
• Interrupt control register V1 ...................................................................................
• Interrupt control register V2 ...................................................................................
• Interrupt control register I1 ....................................................................................
• Interrupt control register I2 ....................................................................................
• Timer 1 interrupt request flag (T1F) ......................................................................
• Timer 2 interrupt request flag (T2F) ......................................................................
• Timer 3 interrupt request flag (T3F) ......................................................................
• Timer 4 interrupt request flag (T4F) ......................................................................
• Watchdog timer flags (WDF1, WDF2) ...................................................................
• Watchdog timer enable flag (WEF) .......................................................................
• Timer control register W1 ......................................................................................
• Timer control register W2 ......................................................................................
• Timer control register W3 ......................................................................................
• Timer control register W4 ......................................................................................
• Timer control register W6 ......................................................................................
• Clock control register MR ......................................................................................
• Serial I/O transmit/receive completion flag ............................................................
• Serial I/O mode register J1 ....................................................................................
• Serial I/O register SI ..............................................................................................
• A-D conversion completion flag ADF ....................................................................
• A-D control register Q1 ..........................................................................................
• A-D control register Q2 ..........................................................................................
• Voltage comparator control register Q3 ................................................................
• Successive comparison register AD ......................................................................
• Comparator register ...............................................................................................
• Key-on wakeup control register K0 .......................................................................
• Pull-up control register PU0 ...................................................................................
• Direction register FR0 ............................................................................................
• Carry flag (CY) .......................................................................................................
• Register A ..............................................................................................................
• Register B ..............................................................................................................
• Register D ..............................................................................................................
• Register E ..............................................................................................................
• Register X ..............................................................................................................
• Register Y ..............................................................................................................
• Register Z ...............................................................................................................
• Stack pointer (SP) ..................................................................................................
2.7.2 Internal state at reset
Figure 2.7.3 shows the internal state at reset. The contents of timers, registers, flags and RAM other than
shown in Figure 2.7.3 are undefined, so that set them to initial values.
Fig. 2.7.3 Internal state at reset
000
00
000
00
000
0
“!” represents undefined.
!!! !! !! !!!
! !!! !! !!
! !!! !! !!
0
(Interrupt disabled)
0
0
0
0
0
0
0
(Interrupt disabled)
0
0
0
0
(Interrupt disabled)
00
0
0
00
0
0
0
0
0
0
0
0
0
0
0
0
(Prescaler, timer 1 stopped)
0
0
0
0
(Timer 2 stopped)
0
0
0
0
(Timer 3 stopped)
0
0
0
0
(Timer 4 stopped)
00
00
10
00
0
0
0
0
0
(External clock selected,
serial I/O port not selected))
0
00
00
00
00
00
00
00
00
00
00
0
0
0
0
(Port P5 input mode)
0
00
00
00
00
!! !
00
0
0
00
00
!!
11
1
! !!! !! !!
2.7 Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com