Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 154Page - Renesas Technology Corp 4513 Datasheet HTML 155Page - Renesas Technology Corp 4513 Datasheet HTML 156Page - Renesas Technology Corp 4513 Datasheet HTML 157Page - Renesas Technology Corp 4513 Datasheet HTML 158Page - Renesas Technology Corp 4513 Datasheet HTML 159Page - Renesas Technology Corp 4513 Datasheet HTML 160Page - Renesas Technology Corp 4513 Datasheet HTML 161Page - Renesas Technology Corp 4513 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 210 page
background image
APPLICATION
2.6 Voltage comparator
2-55
4513/4514 Group User’s Manual
2.6.3 Notes on use
q
Voltage comparator function
When the voltage comparator function is valid with the voltage comparator control register Q3, it is
operating even in the RAM back-up mode. Accordingly, be careful about such state because it
causes the increase of the operation current in the RAM back-up mode.
In order to reduce the operation current in the RAM back-up mode, invalidate (bits 2 and 3 of register
Q3 = “0”) the voltage comparator function by software before the POF instruction is executed.
Also, while the voltage comparator function is valid, current is always consumed by voltage comparator.
On the system required for the low-power dissipation, invalidate the voltage comparator when it is
unused by software.
q
Register Q3
Bits 0 and 1 of register Q3 can be only read. Note that they cannot be written.
q
Reading the comparison result of voltage comparator
Read the voltage comparator comparison result from register Q3 after the voltage comparator response
time (max. 20
µs) is passed from the voltage comparator function become valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com