Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 189Page - Renesas Technology Corp 4513 Datasheet HTML 190Page - Renesas Technology Corp 4513 Datasheet HTML 191Page - Renesas Technology Corp 4513 Datasheet HTML 192Page - Renesas Technology Corp 4513 Datasheet HTML 193Page - Renesas Technology Corp 4513 Datasheet HTML 194Page - Renesas Technology Corp 4513 Datasheet HTML 195Page - Renesas Technology Corp 4513 Datasheet HTML 196Page - Renesas Technology Corp 4513 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 210 page
background image
3-26
APPENDIX
3.4 Notes on noise
4513/4514 Group User’s Manual
(5) Wiring to VPP pin of One Time PROM version
In the built-in PROM version of the 4513/4514
Group, the CNVSS pin is also used as the
built-in PROM power supply input pin VPP.
q When the VPP pin is also used as the
CNVSS pin
Connect an approximately 5 k
Ω resistor to
the VPP pin the shortest possible in series
and also to the V SS pin. When not
connecting the resistor, make the length of
wiring between the VPP pin and the VSS
pin the shortest possible (refer to Figure
3.4.5)
Note: Even when a circuit which included an
approximately 5 k
Ω resistor is used in the
Mask ROM version, the microcomputer
operates correctly.
q Reason
The VPP pin of the One Time PROM ver-
sion is the power source input pin for the
built-in PROM. When programming in the
built-in PROM, the impedance of the VPP
pin is low to allow the electric current for
writing flow into the PROM. Because of
this, noise can enter easily. If noise enters
the VPP pin, abnormal instruction codes or
data are read from the built-in PROM, which
may cause a program runaway.
Fig. 3.4.5 Wiring for the VPP pin of the One Time
PROM version
CNVSS/VPP
When the VPP pin is also used as the CNVSS pin
VSS
In the shortest
distance
Approximately
5k
Ω
3.4.2 Connection of bypass capacitor across VSS
line and VDD line
Connect an approximately 0.1
µF bypass capacitor
across the VSS line and the VDD line as follows:
• Connect a bypass capacitor across the VSS pin
and the VDD pin at equal length.
• Connect a bypass capacitor across the VSS pin
and the VDD pin with the shortest possible wiring.
• Use lines with a larger diameter than other signal
lines for VSS line and VDD line.
• Connect the power source wiring via a bypass
capacitor to the VSS pin and the VDD pin.
Fig. 3.4.6 Bypass capacitor across the VSS line
and the VDD line
VSS
VDD
VSS
VDD
N.G.
O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com