Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 272Page - Renesas Technology Corp H83069RF Datasheet HTML 273Page - Renesas Technology Corp H83069RF Datasheet HTML 274Page - Renesas Technology Corp H83069RF Datasheet HTML 275Page - Renesas Technology Corp H83069RF Datasheet HTML 276Page - Renesas Technology Corp H83069RF Datasheet HTML 277Page - Renesas Technology Corp H83069RF Datasheet HTML 278Page - Renesas Technology Corp H83069RF Datasheet HTML 279Page - Renesas Technology Corp H83069RF Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 1003 page
background image
Rev. 5.0, 09/04, page 254 of 978
Table 8.1
Port Functions
Expanded Modes
Single-Chip Modes
Port
Description
Pins
Mode 1
Mode 2
Mode 3
Mode 4 Mode 5
Mode 7
Port 1 • 8-bit I/O port
Can drive LEDs
P1
7 to P10/
A
7 to A0
Address output pins (A
7 to A0)
Address output (A
7 to
A
0) and generic input
DDR = 0:
generic input
DDR = 1:
address output
Generic input/output
Port 2 • 8-bit I/O port
Built-in input pull-
up transistors
Can drive LEDs
P2
7 to P20/
A
15 to A8
Address output pins (A
15 to A8)
Address output (A
15 to
A
8) and generic input
DDR = 0:
generic input
DDR = 1:
address output
Generic input/output
Port 3 • 8-bit I/O port
P3
7 to P30/
D
15 to D8
Data input/output (D
15 to D8)
Generic input/output
Port 4 • 8-bit I/O port
• Built-in input pull-
up transistors
P4
7 to P40/
D
7 to D0
Data input/output (D
7 to D0) and 8-bit generic input/output
8-bit bus mode: generic input/output
16-bit bus mode: data input/output
Generic input/output
Port 5 • 4-bit I/O port
• Built-in input pull-
up transistors
• Can drive LEDs
P5
3 to P50/
A
19 to A16
Address output (A
19 to A16)
Address output (A
19 to
A
16) and 4-bit
generic input
DDR = 0: generic input
DDR = 1: address output
Generic input/output
Port 6 • 7-bit I/O port and
1-bit input port
P6
7/φ
Clock output (
φ) and generic input
P6
6/LWR
P6
5/HWR
P6
4/RD
P6
3/AS
Bus control signal output (
LWR, HWR, RD, AS)
Generic input/output
P6
2/BACK
P6
1/BREQ
P6
0/WAIT
Bus control signal input/output (
BACK, BREQ, WAIT) and
3-bit generic input/output
Port 7 • 8-bit input port
P7
7/AN7/DA1
P7
6/AN6/DA0
Analog input (AN
7, AN6) to A/D converter, analog output (DA1, DA0)
from D/A converter, and generic input
P7
5 to P70/
AN
5 to AN0
Analog input (AN
5 to AN0) to A/D converter, and generic input
Port 8
• 5-bit I/O port
• P8
2 to P80 have
Schmitt inputs
P8
4/CS0
DDR = 0: generic input
DDR = 1 (reset value):
CS
0 output
DDR = 0 (reset value):
generic input
DDR = 1:
CS
0 output
Generic input/output
P8
3/IRQ3/
CS
1/ADTRG
IRQ
3 input, CS1 output, external trigger input (ADTRG) to A/D converter,
and generic input
DDR = 0 (after reset): generic input
DDR = 1:
CS
1 output
IRQ
3 input, external
trigger input (
ADTRG) to
A/D converter, and
generic input/output
P8
2/IRQ2/CS2
P8
1/IRQ1/CS3
IRQ
2 and IRQ1 input, CS2 and CS3 output, and generic input*
DDR = 0 (reset value): generic input
DDR = 1:
CS
2 and CS3 output
IRQ
2 and IRQ1 input and
generic input/output
P8
0/IRQ0
/
RFSH
IRQ
0 input, RFSH output, and generic input/output
IRQ
0 input and generic
input/output
Note:
*
P8
1 can be used as an output port by making a setting in DRCRA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com