Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 276Page - Renesas Technology Corp H83069RF Datasheet HTML 277Page - Renesas Technology Corp H83069RF Datasheet HTML 278Page - Renesas Technology Corp H83069RF Datasheet HTML 279Page - Renesas Technology Corp H83069RF Datasheet HTML 280Page - Renesas Technology Corp H83069RF Datasheet HTML 281Page - Renesas Technology Corp H83069RF Datasheet HTML 282Page - Renesas Technology Corp H83069RF Datasheet HTML 283Page - Renesas Technology Corp H83069RF Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 1003 page
background image
Rev. 5.0, 09/04, page 258 of 978
In modes 1 to 4, P1DDR bits are always read as 1, and cannot be modified.
In modes 5 and 7, P1DDR is a write-only register. Its value cannot be read. All bits return 1 when
read.
P1DDR is initialized to H'FF in modes 1 to 4, and to H'00 in modes 5 and 7, by a reset and in
hardware standby mode. In software standby mode it retains its previous setting. Therefore, if a
transition is made to software standby mode while port 1 is functioning as an input/output port
and a P1DDR bit is set to 1, the corresponding pin maintains its output state.
Port 1 Data Register (P1DR): P1DR is an 8-bit readable/writable register that stores port 1
output data. When port 1 functions as an output port, the value of this register is output. When
this register is read, the pin logic level is read for bits for which the P1DDR setting is 0, and the
P1DR value is read for bits for which the P1DDR setting is 1.
Bit
Initial value
Read/Write
7
P1
0
R/W
Port 1 data 7 to 0
These bits store data for port 1 pins
7
6
P1
0
R/W
6
5
P1
0
R/W
5
4
P1
0
R/W
4
3
P1
0
R/W
3
2
P1
0
R/W
2
1
P1
0
R/W
1
0
P1
0
R/W
0
P1DR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com