Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 279Page - Renesas Technology Corp H83069RF Datasheet HTML 280Page - Renesas Technology Corp H83069RF Datasheet HTML 281Page - Renesas Technology Corp H83069RF Datasheet HTML 282Page - Renesas Technology Corp H83069RF Datasheet HTML 283Page - Renesas Technology Corp H83069RF Datasheet HTML 284Page - Renesas Technology Corp H83069RF Datasheet HTML 285Page - Renesas Technology Corp H83069RF Datasheet HTML 286Page - Renesas Technology Corp H83069RF Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 1003 page
background image
Rev. 5.0, 09/04, page 261 of 978
In modes 1 to 4, P2DDR bits are always read as 1, and cannot be modified.
In modes 5 and 7, P2DDR is a write-only register. Its value cannot be read. All bits return 1 when
read.
P2DDR is initialized to H'FF in modes 1 to 4, and to H'00 in modes 5 and 7, by a reset and in
hardware standby mode. In software standby mode it retains its previous setting. Therefore, if a
transition is made to software standby mode while port 2 is functioning as an input/output port
and a P2DDR bit is set to 1, the corresponding pin maintains its output state.
Port 2 Data Register (P2DR): P2DR is an 8-bit readable/writable register that stores output data
for port 2. When port 2 functions as an output port, the value of this register is output. When a bit
in P2DDR is set to 1, if port 2 is read the value of the corresponding P2DR bit is returned. When a
bit in P2DDR is cleared to 0, if port 2 is read the corresponding pin logic level is read.
Bit
Initial value
Read/Write
7
P2
0
R/W
Port 2 data 7 to 0
These bits store data for port 2 pins
7
6
P2
0
R/W
6
5
P2
0
R/W
5
4
P2
0
R/W
4
3
P2
0
R/W
3
2
P2
0
R/W
2
1
P2
0
R/W
1
0
P2
0
R/W
0
P2DR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.
Port 2 Input Pull-Up MOS Control Register (P2PCR): P2PCR is an 8-bit readable/writable
register that controls the MOS input pull-up transistors in port 2.
Bit
Initial value
Read/Write
7
P2 PCR
0
R/W
Port 2 input pull-up MOS control 7 to 0
These bits control input pull-up
transistors built into port 2
7
6
P2 PCR
0
R/W
6
5
P2 PCR
0
R/W
5
4
P2 PCR
0
R/W
4
3
P2 PCR
0
R/W
3
2
P2 PCR
0
R/W
2
1
P2 PCR
0
R/W
1
0
P2 PCR
0
R/W
0
In modes 5 and 7, when a P2DDR bit is cleared to 0 (selecting generic input), if the corresponding
bit in P2PCR is set to 1, the input pull-up transistor is turned on.
P2PCR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode
it retains its previous setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com