Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 278Page - Renesas Technology Corp H83069RF Datasheet HTML 279Page - Renesas Technology Corp H83069RF Datasheet HTML 280Page - Renesas Technology Corp H83069RF Datasheet HTML 281Page - Renesas Technology Corp H83069RF Datasheet HTML 282Page - Renesas Technology Corp H83069RF Datasheet HTML 283Page - Renesas Technology Corp H83069RF Datasheet HTML 284Page - Renesas Technology Corp H83069RF Datasheet HTML 285Page - Renesas Technology Corp H83069RF Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 1003 page
background image
Rev. 5.0, 09/04, page 260 of 978
8.3.2
Register Descriptions
Table 8.3 summarizes the registers of port 2.
Table 8.3
Port 2 Registers
Initial Value
Address*
Name
Abbreviation R/W Modes 1 to 4 Modes 5 and 7
H'EE001
Port 2 data direction register
P2DDR
W
H'FF
H'00
H'FFFD1
Port 2 data register
P2DR
R/W H'00
H'00
H'EE03C
Port 2 input pull-up MOS control
register
P2PCR
R/W H'00
H'00
Note: * Lower 20 bits of the address in advanced mode.
Port 2 Data Direction Register (P2DDR): P2DDR is an 8-bit write-only register that can select
input or output for each pin in port 2.
Bit
Modes
1 to 4
Initial value
Read/Write
Initial value
Read/Write
Modes
5 and 7
7
P2 DDR
1
—
0
W
7
6
P2 DDR
1
—
0
W
6
5
P2 DDR
1
—
0
W
5
4
P2 DDR
1
—
0
W
4
3
P2 DDR
1
—
0
W
3
2
P2 DDR
1
—
0
W
2
1
P2 DDR
1
—
0
W
1
0
P2 DDR
1
—
0
W
0
Port 2 data direction 7 to 0
These bits select input or
output for port 2 pins
Modes 1 to 4 (Expanded Modes with On-Chip ROM Disabled): P2DDR values are fixed at 1.
Port 2 functions as an address bus.
Mode 5 (Expanded Mode with On-Chip ROM Enabled): Following a reset, port 2 is an input
port. A pin in port 2 becomes an address output pin if the corresponding P2DDR bit is set to 1,
and a generic input port if this bit is cleared to 0.
Mode 7 (Single-Chip Mode): Port 2 functions as an input/output port. A pin in port 2 becomes an
output port if the corresponding P2DDR bit is set to 1, and an input port if this bit is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com