Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 297Page - Renesas Technology Corp H83069RF Datasheet HTML 298Page - Renesas Technology Corp H83069RF Datasheet HTML 299Page - Renesas Technology Corp H83069RF Datasheet HTML 300Page - Renesas Technology Corp H83069RF Datasheet HTML 301Page - Renesas Technology Corp H83069RF Datasheet HTML 302Page - Renesas Technology Corp H83069RF Datasheet HTML 303Page - Renesas Technology Corp H83069RF Datasheet HTML 304Page - Renesas Technology Corp H83069RF Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 1003 page
background image
Rev. 5.0, 09/04, page 279 of 978
8.9
Port 8
8.9.1
Overview
Port 8 is a 5-bit input/output port that is also used for
CS
3 to CS0 output, RFSH output, IRQ3 to
IRQ
0 input, and A/D converter ADTRG input.
Figure 8.8 shows the pin configuration of port 8.
In modes 1 to 5 (expanded modes), port 8 can provide
CS
3 to CS0 output, RFSH output, IRQ3 to
IRQ
0 input, and ADTRG input.
See table 8.14 for the selection of pin functions in expanded
modes.
In mode 7 (single-chip mode), port 8 can provide
IRQ
3 to IRQ0 input and ADTRG input. See table
8.15 for the selection of pin functions in single-chip mode.
See section 15, A/D Converter, for a description of the A/D converter's
ADTRG input pin.
The
IRQ
3 to IRQ0 functions are selected by IER settings, regardless of whether the pin is used for
input or output. Caution is therefore required. For details see section 5.3.1, External Interrupts.
When DRAM is connected to areas 2 to 5, the
CS
3 and CS2 output pins function as RAS output
pins for each area. For details see section 6.5, DRAM Interface.
Pins in port 8 can drive one TTL load and a 90-pF capacitive load. They can also drive a
darlington transistor pair.
Pins P8
2 to P80 have Schmitt-trigger inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com