Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 298Page - Renesas Technology Corp H83069RF Datasheet HTML 299Page - Renesas Technology Corp H83069RF Datasheet HTML 300Page - Renesas Technology Corp H83069RF Datasheet HTML 301Page - Renesas Technology Corp H83069RF Datasheet HTML 302Page - Renesas Technology Corp H83069RF Datasheet HTML 303Page - Renesas Technology Corp H83069RF Datasheet HTML 304Page - Renesas Technology Corp H83069RF Datasheet HTML 305Page - Renesas Technology Corp H83069RF Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 1003 page
background image
Rev. 5.0, 09/04, page 280 of 978
Port 8
P8 /
P8 /
/
P8 /
/
P8 /
/
P8 /
/
4
3
2
1
0
0
1
2
3
Port 8 pins
CS
CS
CS
CS
RFSH
3
2
1
IRQ / ADTRG
IRQ
IRQ
IRQ 0
P8 (input)/
(output)
P8 (input)/
(output)/
(input) / ADTRG (input)
P8 (input)/
(output)/
(input)
P8 (input/output)/ CS3 (output)/IRQ1(input)
P8 (input/output)/
(output)/
(input)
4
3
2
1
0
Pin functions in modes 1 to 5
(expanded modes)
0
1
2
CS
CS
CS
RFSH
3
2
IRQ
IRQ
IRQ 0
P8 /(input/output)
P8 /(input/output)/
(input) /
P8 /(input/output)/
(input)
P8 /(input/output)/
(input)
P8 /(input/output)/
(input)
4
3
2
1
0
Pin functions in mode 7
(single-chip mode)
IRQ
IRQ
IRQ
IRQ
ADTRG (input)
3
2
1
0
Figure 8.8 Port 8 Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com