Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 294Page - Renesas Technology Corp H83069RF Datasheet HTML 295Page - Renesas Technology Corp H83069RF Datasheet HTML 296Page - Renesas Technology Corp H83069RF Datasheet HTML 297Page - Renesas Technology Corp H83069RF Datasheet HTML 298Page - Renesas Technology Corp H83069RF Datasheet HTML 299Page - Renesas Technology Corp H83069RF Datasheet HTML 300Page - Renesas Technology Corp H83069RF Datasheet HTML 301Page - Renesas Technology Corp H83069RF Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 1003 page
background image
Rev. 5.0, 09/04, page 276 of 978
Table 8.11
Port 6 Pin Functions in Modes 1 to 5
Pin
Pin Functions and Selection Method
P6
7/φ
Bit PSTOP in MSTCRH selects the pin function.
PSTOP
0
1
Pin function
φ output
P6
7 input
LWR
Functions as
LWR regardless of the setting of bit P6
6DDR.
P6
6DDR
0
1
Pin function
LWR output*
Note: * If any of bits DRAS2 to DRAS0 in DRCRA is 1 and bit CSEL in DRCRB is 1,
LWR
output functions as
LCAS.
HWR
Functions as
HWR regardless of the setting of bit P6
5DDR.
P6
5DDR
0
1
Pin function
HWR output*
Note: * If any of bits DRAS2 to DRAS0 in DRCRA is 1 and bit CSEL in DRCRB is 1,
HWR
output functions as
UCAS.
RD
Functions as
RD regardless of the setting of bit P6
4DDR.
P6
4DDR
0
1
Pin function
RD output*
Note: * If any of bits DRAS2 to DRAS0 in DRCRA is 1,
RD output functions as WE.
AS
Functions as
AS regardless of the setting of bit P6
3DDR.
P6
3DDR
0
1
Pin function
AS output
P6
2/BACK
Bit BRLE in BRCR and bit P6
2DDR select the pin function as follows.
BRLE
0
1
P6
2DDR
0
1
—
Pin function
P6
2 input
P6
2 output
BACK output
P6
1/BREQ
Bit BRLE in BRCR and bit P6
1DDR select the pin function as follows.
BRLE
0
1
P6
1DDR
0
1
—
Pin function
P6
1 input
P6
1 output
BREQ input
P6
0/WAIT
Bit WAITE in BCR and bit P6
0DDR select the pin function as follows.
WAITE
0
1
P6
0DDR
0
1
0*
Pin function
P6
0 input
P6
0 output
WAIT input
Note: * Do not set bit P6
0DDR to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com