Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 295Page - Renesas Technology Corp H83069RF Datasheet HTML 296Page - Renesas Technology Corp H83069RF Datasheet HTML 297Page - Renesas Technology Corp H83069RF Datasheet HTML 298Page - Renesas Technology Corp H83069RF Datasheet HTML 299Page - Renesas Technology Corp H83069RF Datasheet HTML 300Page - Renesas Technology Corp H83069RF Datasheet HTML 301Page - Renesas Technology Corp H83069RF Datasheet HTML 302Page - Renesas Technology Corp H83069RF Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 1003 page
background image
Rev. 5.0, 09/04, page 277 of 978
8.8
Port 7
8.8.1
Overview
Port 7 is an 8-bit input port that is also used for analog input to the A/D converter and analog
output from the D/A converter. The pin functions are the same in all operating modes. Figure 8.7
shows the pin configuration of port 7.
See section 15, A/D Converter, for details of the A/D converter analog input pins, and section 16,
D/A Converter, for details of the D/A converter analog output pins.
Port 7
P7 (input)/AN (input)/DA (output)
P7 (input)/AN (input)/DA (output)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Port 7 pins
1
0
Figure 8.7 Port 7 Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com