Electronic Components Datasheet Search
  English  ▼

X  

ISO1176 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176
Description  ISOLATED RS-485 PROFIBUS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO1176 Datasheet HTML 4Page - Texas Instruments ISO1176 Datasheet HTML 5Page - Texas Instruments ISO1176 Datasheet HTML 6Page - Texas Instruments ISO1176 Datasheet HTML 7Page - Texas Instruments ISO1176 Datasheet HTML 8Page - Texas Instruments ISO1176 Datasheet HTML 9Page - Texas Instruments ISO1176 Datasheet HTML 10Page - Texas Instruments ISO1176 Datasheet HTML 11Page - Texas Instruments ISO1176 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
I OS
D
A
B
Vos
I OS
time
60
250
120
GND2
GND1
DE
GND2
t(CFB)
t(TSD)
VOD
50 W
D
A
B
DE
VI
Input
Generator
90%
GND1
VCC1
R =54
±1%
L
W
C =50pF
±20%
L
C IncludesFixtureand
InstrumentationCapacitance
L
GeneratorPRR=500kHz,50%Duty
Cycle,t <6ns,Z
=50
r
O
W
VI
VOD
3V
1.5V
1.5V
tPLH
tPHL
VOD(H)
VOD(L)
90%
0V
0V
10%
10%
tr
tf
50 W
D
A
B
DE
VI
Input
Generator
GND1
VOA VOB
50%
VO
A
B
VCC1
GND2
R =54
±1%
L
W C =50pF
±20%
L
tt(MHL)
tt(MLH)
50%
50%
50%
C IncludesFixtureand
InstrumentationCapacitance
L
GeneratorPRR=500kHz,50%Duty
Cycle,t <6ns,t <6ns,Z
=50
r
f
O
W
DE
A
B
50 %
50 %
0V
Signal
Generator
50 W
DE
B
A
D
GND 1
GND 2
VOAVOB
V
=0V
IN
R =110
L
W
C =50pF
L
R =110
L
W
C =50pF
L
VCC2
t(AZL)
t(BZH)
1.5V
t(ALZ)
t(BHZ)
V
+0.5V
OL
V
-0.5V
O
GeneratorPRR=500kHz,50%Duty
Cycle,t <6ns,t <6ns,Z
=50
r
f
O
W
ISO1176
SLLS897C – MARCH 2008 – REVISED OCTOBER 2008.................................................................................................................................................. www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 9. IOS(SS) Steady State Short Circuit Output Current Test Circuit
Figure 10. Driver Switching Test Circuit and Waveforms
Figure 11. Driver Output Transition Skew Test Circuit and Waveforms
Figure 12. Driver Enable/Disable Test, D at Logic Low Test Circuit and Waveforms
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :ISO1176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com