Electronic Components Datasheet Search
  English  ▼

X  

ISO1176 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176
Description  ISOLATED RS-485 PROFIBUS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO1176 Datasheet HTML 8Page - Texas Instruments ISO1176 Datasheet HTML 9Page - Texas Instruments ISO1176 Datasheet HTML 10Page - Texas Instruments ISO1176 Datasheet HTML 11Page - Texas Instruments ISO1176 Datasheet HTML 12Page - Texas Instruments ISO1176 Datasheet HTML 13Page - Texas Instruments ISO1176 Datasheet HTML 14Page - Texas Instruments ISO1176 Datasheet HTML 15Page - Texas Instruments ISO1176 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TYPICAL CHARACTERISTICS
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20
40
60
80
VCC =4.75V
VCC =5V
VCC =5.25V
IL − LoadCurrent − mA
100 Ω
50 Ω
TA =25 C
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
SignallingRate-Mbps
ICC1
ICC2
5VVCC1
3.3VVCC1
NoLoad
T =25°C
A
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
−40
−15
10
35
60
85
VCC =4.75V
VCC =5V
VCC =5.25V
TA − Free-AirTemperature −°C
RL =54 Ω,
CL =50pF
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
−40
−15
10
35
60
85
VCC =4.75V
VCC =5.25V
VCC =5V
TA − Free-AirTemperature −°C
RL =54 Ω,
CL =50pF
ISO1176
SLLS897C – MARCH 2008 – REVISED OCTOBER 2008.................................................................................................................................................. www.ti.com
DIFFERENTIAL OUTPUT VOLTAGE
RMS SUPPLY CURRENT
vs
vs
LOAD CURRENT
SIGNALING RATE
Figure 21.
Figure 22.
DRIVER OUTPUT TRANSITION SKEW
DRIVER RISE, FALL TIME
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 23.
Figure 24.
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :ISO1176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com