Electronic Components Datasheet Search
  English  ▼

X  

ISO1176 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176
Description  ISOLATED RS-485 PROFIBUS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO1176 Datasheet HTML 10Page - Texas Instruments ISO1176 Datasheet HTML 11Page - Texas Instruments ISO1176 Datasheet HTML 12Page - Texas Instruments ISO1176 Datasheet HTML 13Page - Texas Instruments ISO1176 Datasheet HTML 14Page - Texas Instruments ISO1176 Datasheet HTML 15Page - Texas Instruments ISO1176 Datasheet HTML 16Page - Texas Instruments ISO1176 Datasheet HTML 17Page - Texas Instruments ISO1176 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
DEVICE INFORMATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
RE
D
GND1
NC
V
CC2
B
A
NC
GND2
DE
DW PACKAGE
(TOP VIEW)
V
CC1
GND1
GND2
ISODE
PV
PACKAGE PIN FUNCTION DESCRIPTION
ISO1176
SLLS897C – MARCH 2008 – REVISED OCTOBER 2008.................................................................................................................................................. www.ti.com
NAME
PIN NO.
FUNCTION
Vcc1
1
logic side power supply
GND1
2, 8
logic side ground, internally connected
R
3
receiver output
RE
4
receiver logic-low enable
DE
5
driver logic-high enable input
D
6
driver input
ISO1176 chip enable, logic high applied immediately after power-up for device operation.
PV
7
A logic low 3-states all outputs.
GND2
9, 15
bus side ground, internally connected
ISODE
10
bus-side driver enable output
nc
11, 14
not connected internally, may be left floating
A
12
non-inverting bus output
B
13
inverting bus output
Vcc2
16
bus side power supply
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :ISO1176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com