Electronic Components Datasheet Search
  English  ▼

X  

ISO1176 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176
Description  ISOLATED RS-485 PROFIBUS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISO1176 Datasheet HTML 11Page - Texas Instruments ISO1176 Datasheet HTML 12Page - Texas Instruments ISO1176 Datasheet HTML 13Page - Texas Instruments ISO1176 Datasheet HTML 14Page - Texas Instruments ISO1176 Datasheet HTML 15Page - Texas Instruments ISO1176 Datasheet HTML 16Page - Texas Instruments ISO1176 Datasheet HTML 17Page - Texas Instruments ISO1176 Datasheet HTML 18Page - Texas Instruments ISO1176 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DRIVER FUNCTION TABLE
RECEIVER FUNCTION TABLE
ISO1176
www.ti.com.................................................................................................................................................. SLLS897C – MARCH 2008 – REVISED OCTOBER 2008
VCC1
VCC2
POWER
INPUT
ENABLE
ENABLE
OUTPUTS
VALID
INPUT
OUTPUT
(D)
A
B
(ISODE)
(PV)
(DE)
(ISO1176)
PU
PU
H or open
H
H
H
H
L
PU
PU
H or open
L
H
H
L
H
PU
PU
H or open
X
L
L
Z
Z
PU
PU
H or open
X
open
L
Z
Z
PU
PU
H or open
open
H
H
H
L
PD
PU
X
X
X
L
Z
Z
PU
PD
X
X
X
L
Z
Z
PD
PD
X
X
X
L
Z
Z
X
X
L
X
X
L
Z
Z
H = high level, L= low level, X = don’t care, Z = high impedance (off), ? = indeterminate
VCC1
VCC2
POWER VALID
DIFFERENTIAL INPUT
ENABLE
OUTPUT
(PV) (ISO1176)
VID = (VA – VB)
(RE)
)
PU
PU
H or open
–0.01 V
≤ VID
L
H
PU
PU
H or open
–0.2 V < VID < –0.01 V
L
?
PU
PU
H or open
VID ≤ –0.2 V
L
L
PU
PU
H or open
X
H
Z
PU
PU
H or open
X
open
Z
PU
PU
H or open
Open circuit
L
H
PU
PU
H or open
Short Circuit
L
H
PU
PU
H or open
Idle (terminated) bus
L
H
PD
PU
X
X
X
Z
PU
PD
H or open
X
L
H
PD
PD
X
X
X
Z
X
X
L
X
X
Z
H = high level, L= low level, X = don’t care, Z = high impedance (off), ? = indeterminate
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :ISO1176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com