Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 4Page - Texas Instruments TPS54331 Datasheet HTML 5Page - Texas Instruments TPS54331 Datasheet HTML 6Page - Texas Instruments TPS54331 Datasheet HTML 7Page - Texas Instruments TPS54331 Datasheet HTML 8Page - Texas Instruments TPS54331 Datasheet HTML 9Page - Texas Instruments TPS54331 Datasheet HTML 10Page - Texas Instruments TPS54331 Datasheet HTML 11Page - Texas Instruments TPS54331 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ENABLE AND ADJUSTABLE INPUT UNDER-VOLTAGE LOCKOUT (VIN UVLO)
EN
1.25V
VIN
+
-
Ren1
Ren2
TPS54331
1
A
m
3
A
m
START
STOP
V
- V
Ren1 =
3
A
m
(1)
EN
START
EN
V
Ren2 =
V
- V
+ 1
A
Ren1
m
(2)
PROGRAMMABLE SLOW START USING SS PIN
(
)
( )
( )
(
)
SS
ref
SS
SS
C
nF
V
V
T
ms
=
I
A
´
m
(3)
ERROR AMPLIFIER
SLOPE COMPENSATION
TPS54331
SLVS839B – JULY 2008 – REVISED OCTOBER 2008 ...................................................................................................................................................... www.ti.com
The EN pin has an internal pull-up current source that provides the default condition of the TPS54331 operating
when the EN pin floats.
The TPS54331 is disabled when the VIN pin voltage falls below internal VIN UVLO threshold. It is recommended
to use an external VIN UVLO to add Hysteresis unless VIN is greater than (VOUT + 2V). To adjust the VIN
UVLO with Hysteresis, use the external circuitry connected to the EN pin as shown in Figure 12. Once the EN
pin voltage exceeds 1.25V, an additional 3
µA of hysteresis is added. Use Equation 1 and Equation 2 to calculate
the resistor values needed for the desired VIN UVLO threshold voltages. The VSTART is the input start threshold
voltage, the VSTOP is the input stop threshold voltage and the VEN is the enable threshold voltage of 1.25V. The
VSTOP should always be greater than 3.5V.
Figure 12. Adjustable Input Under-Voltage Lockout
It is highly recommended to program the slow start time externally because no slow start time is implemented
internally. The TPS54331 effectively uses the lower voltage of the internal voltage reference or the SS pin
voltage as the power supply’s reference voltage fed into the error amplifier and will regulate the output
accordingly. A capacitor (Css) on the SS pin to ground implements a slow start time. The TPS54331 has an
internal pull-up current source of 2
µA that charges the external slow start capacitor. The equation for the slow
start time (10% to 90%) is shown in Equation 3 . The Vref is 0.8V and the Iss current is 2
µA.
The slow start time should be set between 1ms to 10ms to ensure good start-up behavior. The slow start
capacitor should be no more than 27nF.
If during normal operation, the input voltage drops below the VIN UVLO threshold, or the EN pin is pulled below
1.25V, or a thermal shutdown event occurs, the TPS54331 stops switching.
The TPS54331 has a transconductance amplifier for the error amplifier. The error amplifier compares the
VSENSE voltage to the internal effective voltage reference presented at the input of the error amplifier. The
transconductance of the error amplifier is 92
µA/V during normal operation. Frequency compensation
components are connected between the COMP pin and ground.
In order to prevent the sub-harmonic oscillations when operating the device at duty cycles greater than 50%, the
TPS54331 adds a built-in slope compensation which is a compensating ramp to the switch current signal.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com